Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV85-C15 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BZV85-C15
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV85-C15 Datasheet(HTML) 1 Page - NXP Semiconductors

  BZV85-C15 Datasheet HTML 1Page - NXP Semiconductors BZV85-C15 Datasheet HTML 2Page - NXP Semiconductors BZV85-C15 Datasheet HTML 3Page - NXP Semiconductors BZV85-C15 Datasheet HTML 4Page - NXP Semiconductors BZV85-C15 Datasheet HTML 5Page - NXP Semiconductors BZV85-C15 Datasheet HTML 6Page - NXP Semiconductors BZV85-C15 Datasheet HTML 7Page - NXP Semiconductors BZV85-C15 Datasheet HTML 8Page - NXP Semiconductors BZV85-C15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Medium-power voltage regulator diodes in small hermetically sealed leaded
SOD66 (DO-41) glass packages.
The diodes are available in the normalized E24 approximately
±5 % tolerance range.
The series consists of 33 types with nominal working voltages from 3.6 V to 75 V.
1.2 Features
1.3 Applications
I Stabilization purposes
1.4 Quick reference data
[1]
Device mounted on a Printed-Circuit Board (PCB) with 1 cm2 copper area per lead.
[2]
If the leads are kept at Ttp =55 °C at 4 mm from body.
[3]
Tj =25 °C prior to surge
BZV85 series
Voltage regulator diodes
Rev. 03 — 10 November 2009
Product data sheet
I Total power dissipation: max. 1.3 W
I Tolerance series: approximately ±5%
I Working voltage range:
nominal 3.3 V to 75 V (E24 range)
I Non-repetitive peak reverse power
dissipation: max. 60 W
I Small hermetically sealed glass
package
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
--1
V
Ptot
total power dissipation
Tamb =25 °C;
lead length 10 mm
[1] --1
W
[2] -
-
1.3
W
PZSM
non-repetitive peak reverse
power dissipation
square wave;
tp = 100 µs
[3] --60
W


Similar Part No. - BZV85-C15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85-C15 PHILIPS-BZV85-C15 Datasheet
53Kb / 8P
   Voltage regulator diodes
1999 May 11
logo
Nexperia B.V. All right...
BZV85-C15 NEXPERIA-BZV85-C15 Datasheet
1Mb / 10P
   Voltage regulator diodes
Rev. 03 - 10 November 2009
More results

Similar Description - BZV85-C15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com