Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC103D1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # EC103D1
Description  Thyristor, sensitive gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

EC103D1 Datasheet(HTML) 3 Page - NXP Semiconductors

  EC103D1 Datasheet HTML 1Page - NXP Semiconductors EC103D1 Datasheet HTML 2Page - NXP Semiconductors EC103D1 Datasheet HTML 3Page - NXP Semiconductors EC103D1 Datasheet HTML 4Page - NXP Semiconductors EC103D1 Datasheet HTML 5Page - NXP Semiconductors EC103D1 Datasheet HTML 6Page - NXP Semiconductors EC103D1 Datasheet HTML 7Page - NXP Semiconductors EC103D1 Datasheet HTML 8Page - NXP Semiconductors EC103D1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EC103D1_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 31 July 2008
3 of 12
NXP Semiconductors
EC103D1
Thyristor, sensitive gate
Form factor a = IT(RMS)/IT(AV)
Fig 1.
Total power dissipation as a function of average on-state current; maximum values
f = 50 Hz
Fig 2.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
003aaa111
0.0
0.2
0.4
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
IT(AV) (A)
Ptot
(W)
a =1.57
1.9
2.2
2.8
4
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
003aaa110
4
6
2
8
10
ITSM
(A)
0
number of cycles
1
103
102
10
tp
Tj(init) = 25 °C max
IT
ITSM
t


Similar Part No. - EC103D1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103D1 LITTELFUSE-EC103D1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
NXP Semiconductors
EC103D1 PHILIPS-EC103D1 Datasheet
70Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
logo
List of Unclassifed Man...
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Kersemi Electronic Co.,...
EC103D1 KERSEMI-EC103D1 Datasheet
751Kb / 8P
   Very sensitive gate thyristor intended to be interfaced directly to low power gate trigger circuits, with very low drive current capability
More results

Similar Description - EC103D1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5064 PHILIPS-2N5064 Datasheet
17Kb / 4P
   Thyristor sensitive gate
October 1997 Rev 1.200
EC103D1 PHILIPS-EC103D1 Datasheet
70Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
logo
Shenzhen Winsemi Microe...
WTPA12A80CW WINSEMI-WTPA12A80CW Datasheet
447Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60CW WINSEMI-WTPB12A60CW Datasheet
441Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
WTPA12A60SW WINSEMI-WTPA12A60SW Datasheet
447Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
   1 A sensitive gate SCR thyristor
October 2019
logo
Shenzhen Winsemi Microe...
WTPB16A60SW WINSEMI-WTPB16A60SW Datasheet
412Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60BW WINSEMI-WTPB12A60BW Datasheet
441Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
logo
DONGGUAN YOU FENG WEI E...
BT169 YFWDIODE-BT169 Datasheet
518Kb / 4P
   0.8A gate-level sensitive one-way thyristor
X0405 YFWDIODE-X0405 Datasheet
621Kb / 4P
   4A gate-level sensitive one-way thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com