Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55-B6V8 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZV55-B6V8
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV55-B6V8 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZV55-B6V8 Datasheet HTML 1Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 2Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 3Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 4Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 5Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 6Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 7Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 8Page - NXP Semiconductors BZV55-B6V8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BZV55_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 19 July 2007
3 of 12
NXP Semiconductors
BZV55 series
Voltage regulator diodes
7.
Characteristics
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab072
tp (ms)
10−1
104
105
103
102
110
102
10
103
Zth(j-a)
(K/W)
1
δ = 1
0.75
0.33
0.05
0.02
0.01
0.50
0.20
0.10
≤ 0.001
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 10 mA
-
-
0.9
V
IR
reverse current
BZV55-B/C2V4
VR = 1 V
--50
µA
BZV55-B/C2V7
VR = 1 V
--20
µA
BZV55-B/C3V0
VR = 1 V
--10
µA
BZV55-B/C3V3
VR = 1 V
--5
µA
BZV55-B/C3V6
VR = 1 V
--5
µA
BZV55-B/C3V9
VR = 1 V
--3
µA
BZV55-B/C4V3
VR = 1 V
--3
µA
BZV55-B/C4V7
VR = 2 V
--3
µA
BZV55-B/C5V1
VR = 2 V
--2
µA
BZV55-B/C5V6
VR = 2 V
--1
µA
BZV55-B/C6V2
VR = 4 V
--3
µA
BZV55-B/C6V8
VR = 4 V
--2
µA
BZV55-B/C7V5
VR = 5 V
--1
µA
BZV55-B/C8V2
VR = 5 V
-
-
700
nA
BZV55-B/C9V1
VR = 6 V
-
-
500
nA
BZV55-B/C10
VR = 7 V
-
-
200
nA
BZV55-B/C11
VR = 8 V
-
-
100
nA
BZV55-B/C12
VR = 8 V
-
-
100
nA
BZV55-B/C13
VR = 8 V
-
-
100
nA
BZV55-B/C15 to BZV55-B/C75
VR = 0.7VZ(nom)
--50
nA


Similar Part No. - BZV55-B6V8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-B6V8 PHILIPS-BZV55-B6V8 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
General Semiconductor
BZV55-B6V8 GE-BZV55-B6V8 Datasheet
294Kb / 7P
   ZENER DIODES
logo
GOOD-ARK Electronics
BZV55-B6V8 GOOD-ARK-BZV55-B6V8 Datasheet
313Kb / 7P
   Zener Diodes
More results

Similar Description - BZV55-B6V8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com