Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55-C6V8 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZV55-C6V8
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV55-C6V8 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZV55-C6V8 Datasheet HTML 1Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 2Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 3Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 4Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 5Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 6Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 7Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 8Page - NXP Semiconductors BZV55-C6V8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BZV55_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 19 July 2007
5 of 12
NXP Semiconductors
BZV55 series
Voltage regulator diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
13
B
12.7
13.3
50
170
10
30
7.0
9.4
11.0
80
2.5
C
12.4
14.1
15
B
14.7
15.3
50
200
10
30
9.2
11.4
13.0
75
2.0
C
13.8
15.6
16
B
15.7
16.3
50
200
10
40
10.4
12.4
14.0
75
1.5
C
15.3
17.1
18
B
17.6
18.4
50
225
10
45
12.4
14.4
16.0
70
1.5
C
16.8
19.1
20
B
19.6
20.4
60
225
15
55
12.3
15.6
18.0
60
1.5
C
18.8
21.2
22
B
21.6
22.4
60
250
20
55
14.1
17.6
20.0
60
1.25
C
20.8
23.3
24
B
23.5
24.5
60
250
25
70
15.9
19.6
22.0
55
1.25
C
22.8
25.6
Table 8.
Characteristics per type; BZV55-B2V4 to BZV55-C24 …continued
Tj =25 °C unless otherwise specified.
BZV55-x
xx
Sel
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ =1mA
IZ =5mA
IZ =5mA
Min
Max
Typ
Max
Typ
Max
Min
Typ
Max
Max
Max


Similar Part No. - BZV55-C6V8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-C6V8 PHILIPS-BZV55-C6V8 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
General Semiconductor
BZV55-C6V8 GE-BZV55-C6V8 Datasheet
294Kb / 7P
   ZENER DIODES
logo
GOOD-ARK Electronics
BZV55-C6V8 GOOD-ARK-BZV55-C6V8 Datasheet
313Kb / 7P
   Zener Diodes
More results

Similar Description - BZV55-C6V8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com