Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV85-C43 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZV85-C43
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV85-C43 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZV85-C43 Datasheet HTML 1Page - NXP Semiconductors BZV85-C43 Datasheet HTML 2Page - NXP Semiconductors BZV85-C43 Datasheet HTML 3Page - NXP Semiconductors BZV85-C43 Datasheet HTML 4Page - NXP Semiconductors BZV85-C43 Datasheet HTML 5Page - NXP Semiconductors BZV85-C43 Datasheet HTML 6Page - NXP Semiconductors BZV85-C43 Datasheet HTML 7Page - NXP Semiconductors BZV85-C43 Datasheet HTML 8Page - NXP Semiconductors BZV85-C43 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BZV85_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2009
4 of 10
NXP Semiconductors
BZV85 series
Voltage regulator diodes
6.
Thermal characteristics
[1]
Device mounted on a PCB with 1 cm2 copper area per lead.
7.
Characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-t)
thermal resistance from
junction to tie-point
lead length 4 mm
-
-
110
K/W
Rth(j-a)
thermal resistance from
junction to ambient
lead length 10 mm
[1] -
-
175
K/W
Fig 1.
Thermal resistance from junction to tie-point as a function of pulse duration;
lead length 4 mm
006aab844
10−2
10−1
110
102
103
104
1
10
102
103
tp (ms)
Rth(j-t)
(K/W)
0.02
0.01
0
0.75
0.50
0.33
0.20
0.10
0.05
δ = 1
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
--1
V


Similar Part No. - BZV85-C43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85-C43 PHILIPS-BZV85-C43 Datasheet
53Kb / 8P
   Voltage regulator diodes
1999 May 11
logo
Nexperia B.V. All right...
BZV85-C43 NEXPERIA-BZV85-C43 Datasheet
1Mb / 10P
   Voltage regulator diodes
Rev. 03 - 10 November 2009
More results

Similar Description - BZV85-C43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com