Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55-C11 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZV55-C11
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV55-C11 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZV55-C11 Datasheet HTML 1Page - NXP Semiconductors BZV55-C11 Datasheet HTML 2Page - NXP Semiconductors BZV55-C11 Datasheet HTML 3Page - NXP Semiconductors BZV55-C11 Datasheet HTML 4Page - NXP Semiconductors BZV55-C11 Datasheet HTML 5Page - NXP Semiconductors BZV55-C11 Datasheet HTML 6Page - NXP Semiconductors BZV55-C11 Datasheet HTML 7Page - NXP Semiconductors BZV55-C11 Datasheet HTML 8Page - NXP Semiconductors BZV55-C11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BZV55_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 19 July 2007
4 of 12
NXP Semiconductors
BZV55 series
Voltage regulator diodes
Table 8.
Characteristics per type; BZV55-B2V4 to BZV55-C24
Tj =25 °C unless otherwise specified.
BZV55-x
xx
Sel
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ =1mA
IZ =5mA
IZ =5mA
Min
Max
Typ
Max
Typ
Max
Min
Typ
Max
Max
Max
2V4
B
2.35
2.45
275
600
70
100
−3.5
−1.6
0
450
6.0
C
2.2
2.6
2V7
B
2.65
2.75
300
600
75
100
−3.5
−2.0
0
450
6.0
C
2.5
2.9
3V0
B
2.94
3.06
325
600
80
95
−3.5
−2.1
0
450
6.0
C
2.8
3.2
3V3
B
3.23
3.37
350
600
85
95
−3.5
−2.4
0
450
6.0
C
3.1
3.5
3V6
B
3.53
3.67
375
600
85
90
−3.5
−2.4
0
450
6.0
C
3.4
3.8
3V9
B
3.82
3.98
400
600
85
90
−3.5
−2.5
0
450
6.0
C
3.7
4.1
4V3
B
4.21
4.39
410
600
80
90
−3.5
−2.5
0
450
6.0
C
4.0
4.6
4V7
B
4.61
4.79
425
500
50
80
−3.5
−1.4
0.2
300
6.0
C
4.4
5.0
5V1
B
5.0
5.2
400
480
40
60
−2.7
−0.8
1.2
300
6.0
C
4.8
5.4
5V6
B
5.49
5.71
80
400
15
40
−2.0
1.2
2.5
300
6.0
C
5.2
6.0
6V2
B
6.08
6.32
40
150
6
10
0.4
2.3
3.7
200
6.0
C
5.8
6.6
6V8
B
6.66
6.94
30
80
6
15
1.2
3.0
4.5
200
6.0
C
6.4
7.2
7V5
B
7.35
7.65
30
80
6
15
2.5
4.0
5.3
150
4.0
C
7.0
7.9
8V2
B
8.04
8.36
40
80
6
15
3.2
4.6
6.2
150
4.0
C
7.7
8.7
9V1
B
8.92
9.28
40
100
6
15
3.8
5.5
7.0
150
3.0
C
8.5
9.6
10
B
9.8
10.2
50
150
8
20
4.5
6.4
8.0
90
3.0
C
9.4
10.6
11
B
10.8
11.2
50
150
10
20
5.4
7.4
9.0
85
2.5
C
10.4
11.6
12
B
11.8
12.2
50
150
10
25
6.0
8.4
10.0
85
2.5
C
11.4
12.7


Similar Part No. - BZV55-C11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-C11 PHILIPS-BZV55-C11 Datasheet
60Kb / 12P
   Voltage regulator diodes
2002 Feb 28
logo
General Semiconductor
BZV55-C11 GE-BZV55-C11 Datasheet
294Kb / 7P
   ZENER DIODES
logo
GOOD-ARK Electronics
BZV55-C11 GOOD-ARK-BZV55-C11 Datasheet
313Kb / 7P
   Zener Diodes
More results

Similar Description - BZV55-C11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com