Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1209 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS1209
Description  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1209 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1209_1 Datasheet HTML 1Page - Texas Instruments ADS1209_1 Datasheet HTML 2Page - Texas Instruments ADS1209_1 Datasheet HTML 3Page - Texas Instruments ADS1209_1 Datasheet HTML 4Page - Texas Instruments ADS1209_1 Datasheet HTML 5Page - Texas Instruments ADS1209_1 Datasheet HTML 6Page - Texas Instruments ADS1209_1 Datasheet HTML 7Page - Texas Instruments ADS1209_1 Datasheet HTML 8Page - Texas Instruments ADS1209_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2nd-Order
DS Modulator
CHA+
AVDD
CHA-
Output
Interface
Circuit
RC
Oscillator
20MHz
Out
EN
Clock
Select
Divider
REFINA
Reference
Voltage
2.5V
REFOUT
OUTA
OUTB
CLKIN
AGND
BGND
BVDD
CLKOUT
CLKSEL
2nd-Order
DS Modulator
CHB+
CHB-
REFINB
ADS1209
www.ti.com
SBAS491 – FEBRUARY 2010
Two 1-Bit, 10MHz, 2nd-Order
Delta-Sigma Modulators
Check for Samples: ADS1209
1
FEATURES
DESCRIPTION
2
16-Bit Resolution
The ADS1209 is a two-channel, high-performance,
delta-sigma (
ΔΣ) modulator with an 86dB dynamic
13-Bit Linearity
range, operating from a single +5V supply. The
±2.3V Specified Input Voltage Range
differential inputs are ideal for direct connection to
Internal Reference Voltage: 2%
signal sources in an industrial environment. With the
Gain Error: 0.5%
appropriate digital filter and modulator rate, the
device can be used to achieve 16-bit analog-to-digital
Two Independent Delta-Sigma Modulators
(A/D) conversion with no missing codes. Effective
Two Input Reference Buffers
accuracy of 14 bits can be obtained with a digital filter
On-Chip Oscillator
bandwidth of 20kHz at a modulator rate of 10MHz.
The ADS1209 is designed for use in high-resolution
Selectable Internal or External Clock
measurement
applications
including
current
Specified Temperature Range:
measurements,
industrial
process
control,
and
–40°C to +105°C
resolvers. It is available in a TSSOP-24 package and
TSSOP-24 Package
is
specified
for
operation
over
the
ambient
temperature range of –40°C to +105°C.
APPLICATIONS
Motor Control
Current Measurement
Resolver
Industrial Process Control
Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1209_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1209_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com