Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1209SPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1209SPW
Description  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1209SPW Datasheet(HTML) 2 Page - Texas Instruments

  ADS1209SPW Datasheet HTML 1Page - Texas Instruments ADS1209SPW Datasheet HTML 2Page - Texas Instruments ADS1209SPW Datasheet HTML 3Page - Texas Instruments ADS1209SPW Datasheet HTML 4Page - Texas Instruments ADS1209SPW Datasheet HTML 5Page - Texas Instruments ADS1209SPW Datasheet HTML 6Page - Texas Instruments ADS1209SPW Datasheet HTML 7Page - Texas Instruments ADS1209SPW Datasheet HTML 8Page - Texas Instruments ADS1209SPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADS1209
SBAS491 – FEBRUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
ORDERING NUMBER
QUANTITY
ADS1209SPW
Tube, 60
ADS1209
TSSOP-24
PW
–40°C to +105°C
ADS1209SPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating ambient temperature range, unless otherwise noted.
ADS1209
UNIT
Supply voltage, AVDD to AGND
–0.3 to 6
V
Supply voltage, BVDD to BGND
–0.3 to 6
V
Analog input voltage
AGND – 0.3 to AVDD + 0.3
V
Reference input voltage
AGND – 0.3 to AVDD + 0.3
V
Digital input voltage
BGND – 0.3 to BVDD + 0.3
V
Ground voltage difference, AGND to BGND
±0.3
V
Input current to any pin except supply
±10
mA
Operating virtual junction temperature range, TJ
–40 to +150
°C
Operating ambient temperature range, TOA
–40 to +125
°C
Human body model (HBM) JEDEC standard 22, test method A114-C.01
+2000
V
ESD ratings,
all pins
Charged device model (CDM) JEDEC standard 22, test method C101
+500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
TA = +105°C
PACKAGE
POWER RATING
ABOVE TA = +25°C
(1)
POWER RATING
POWER RATING
POWER RATING
TSSOP-24
1420mW
11.3mW/°C
909mW
738mW
511mW
(1)
This is the inverse of the traditional junction-to-ambient thermal resistance (RqJA). Thermal resistances are not production tested and are
for informational purposes only.
THERMAL CHARACTERISTICS: TSSOP-24
Over the operating ambient temperature range of –40°C to +105°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RqJA
Junction-to-air thermal resistance
High-K thermal resistance(1)
88
°C/W
RqJC
Junction-to-case thermal resistance
26
°C/W
PD
Device power dissipation
CLKSEL = 0, 5V supply
100
mW
(1)
Modeled in accordance with the High-K thermal definitions of EIA/JESD51-3.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1209


Similar Part No. - ADS1209SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209SPW TI-ADS1209SPW Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPWR TI-ADS1209SPWR Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1209SPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com