Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78476A8246A003 Datasheet(PDF) 2 Page - EPCOS

Part # B78476A8246A003
Description  Magnetics modules for LAN applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78476A8246A003 Datasheet(HTML) 2 Page - EPCOS

  B78476A8246A003 Datasheet HTML 1Page - EPCOS B78476A8246A003 Datasheet HTML 2Page - EPCOS B78476A8246A003 Datasheet HTML 3Page - EPCOS B78476A8246A003 Datasheet HTML 4Page - EPCOS B78476A8246A003 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Features
Ferrite toroid, case and potting (UL 94 V-0)
Compliant with IPC/JEDEC J-STD-020C
Compliant with IEEE 802.3af
MSL level 2
RoHS-compatible
Marking
EPCOS, middle block of ordering code, date code
Delivery mode and packing unit
44-mm blister tape,
330-mm
∅ reel (cardboard packaging)
Packing unit: 300 pcs./reel
Dimensional drawing
Layout recommendation
Units: mm [inch]
Values without tolerances are nominal values for reference.
10/100 Base-T magnetics module
B78476A8246A003
Quad port, power over ethernet
Page 2 of 5
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B78476A8246A003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78476A8245A003 EPCOS-B78476A8245A003 Datasheet
224Kb / 5P
   Magnetics modules for LAN applications
B78476A8247A003 EPCOS-B78476A8247A003 Datasheet
222Kb / 5P
   Magnetics modules for LAN applications
B78476A8248A003 EPCOS-B78476A8248A003 Datasheet
224Kb / 5P
   Magnetics modules for LAN applications
B78476A8249A003 EPCOS-B78476A8249A003 Datasheet
239Kb / 5P
   Magnetics modules for LAN applications
More results

Similar Description - B78476A8246A003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78476A8317A003 EPCOS-B78476A8317A003 Datasheet
239Kb / 5P
   Magnetics modules for LAN applications
B78476A8068A003 EPCOS-B78476A8068A003 Datasheet
259Kb / 5P
   Magnetics modules for LAN applications
B78476A7694A003 EPCOS-B78476A7694A003 Datasheet
221Kb / 5P
   Magnetics modules for LAN applications
B78476A8245A003 EPCOS-B78476A8245A003 Datasheet
224Kb / 5P
   Magnetics modules for LAN applications
B78476A8247A003 EPCOS-B78476A8247A003 Datasheet
222Kb / 5P
   Magnetics modules for LAN applications
B78476A8249A003 EPCOS-B78476A8249A003 Datasheet
239Kb / 5P
   Magnetics modules for LAN applications
B78476A8250A003 EPCOS-B78476A8250A003 Datasheet
266Kb / 5P
   Magnetics modules for LAN applications
B78476A1889A003 EPCOS-B78476A1889A003 Datasheet
233Kb / 5P
   Magnetics modules for LAN applications
B78476A8067A003 EPCOS-B78476A8067A003 Datasheet
225Kb / 5P
   Magnetics modules for LAN applications
B78476A8252A003 EPCOS-B78476A8252A003 Datasheet
266Kb / 5P
   Magnetics modules for LAN applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com