Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6422IRGCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6422IRGCR
Description  QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6422IRGCR Datasheet(HTML) 5 Page - Texas Instruments

  ADS6422IRGCR Datasheet HTML 1Page - Texas Instruments ADS6422IRGCR Datasheet HTML 2Page - Texas Instruments ADS6422IRGCR Datasheet HTML 3Page - Texas Instruments ADS6422IRGCR Datasheet HTML 4Page - Texas Instruments ADS6422IRGCR Datasheet HTML 5Page - Texas Instruments ADS6422IRGCR Datasheet HTML 6Page - Texas Instruments ADS6422IRGCR Datasheet HTML 7Page - Texas Instruments ADS6422IRGCR Datasheet HTML 8Page - Texas Instruments ADS6422IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6424
ADS6423
ADS6422
SLAS532A – MAY 2007 – REVISED JUNE 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6424
ADS6423
ADS6422
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
12
12
12
Bits
ANALOG INPUT
Differential input voltage
2.0
2.0
2.0
VPP
range
Differential input
7
7
7
pF
capacitance
Analog input bandwidth
500
500
500
MHz
Analog input common
130
100
81
μA
mode current (per input pin
of each ADC)
REFERENCE VOLTAGES
VREFB
Internal reference bottom
1.0
1.0
1.0
V
voltage
VREFT
Internal reference top
2.0
2.0
2.0
V
voltage
ΔVREF
Internal reference error,
-15
±2
15
-15
±2
15
-15
±2
15
mV
(VREFT–VREFB)
VCM
Common mode output
1.5
1.5
1.5
V
voltage
VCM output current
±4
±4
±4
mA
capability
DC ACCURACY
No missing codes
Specified
Specified
Specified
EO
Offset error, across devices
–15
±2
15
–15
±2
15
–15
±2
15
mV
and across channels within
a device
Offset error temperature
0.05
0.05
0.05
mV/
°C
coefficient, across devices
and across channels within
a device
There are two sources of gain error - internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal
-0.75
±0.1
0.75
-0.75
±0.1
0.75
-0.75
±0.1
0.75
% FS
reference inaccuracy alone,
(
ΔVREF /2.0) %
Reference gain error
0.0125
0.0125
0.0125
Δ%/
°C
temperature coefficient
EGCHAN
Gain error of channel
–1
±0.3
1
–1
±0.3
1
–1
±0.3
1
% FS
alone, across devices and
across channels within a
device (1)
Channel gain error
0.005
0.005
0.005
Δ%/
°C
temperature coefficient,
across devices and across
channels within a device
DNL
Differential nonlinearity
–0.9
±0.5
2.0
–0.9
±0.4
1.8
–0.9
±0.4
1.8
LSB
INL
Integral nonlinearity
–2.2
±1.25
2.2
–2.0
±1.25
2.0
–2.0
±1.0
2.0
LSB
PSRR
DC power supply rejection
0.5
0.5
0.5
mV/V
ratio
(1)
This is specified by design and characterization; it is not tested in production.
Copyright © 2007, Texas Instruments Incorporated
5
Submit Documentation Feedback


Similar Part No. - ADS6422IRGCR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6422 STMICROELECTRONICS-ADS6422 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6422IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com