Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4051QM96Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4051QM96Q1
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4051QM96Q1 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4051QM96Q1 Datasheet HTML 1Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 2Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 3Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 4Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 5Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 6Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 7Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 8Page - Texas Instruments CD74HC4051QM96Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CD74HC4051-Q1
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS552A − DECEMBER 2003 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 7)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VEE
VCC
TA = 25°C
TA = −40°C
TO 125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VEE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
CL = 15 pF
5 V
4
ns
2 V
60
90
tpd
IN
OUT
C
50 pF
0 V
4.5 V
12
18
ns
tpd
IN
OUT
CL = 50 pF
0 V
6 V
10
15
ns
−4.5 V
4.5 V
8
12
CL = 15 pF
5 V
19
ADDRESS SEL
2 V
225
340
ten
ADDRESS SEL
or E
OUT
C
50 pF
0 V
4.5 V
45
68
ns
ten
or E
OUT
CL = 50 pF
0 V
6 V
38
57
ns
−4.5 V
4.5 V
32
48
CL = 15 pF
5 V
19
ADDRESS SEL
2 V
225
340
tdis
ADDRESS SEL
or E
OUT
C
50 pF
0 V
4.5 V
45
68
ns
tdis
or E
OUT
CL = 50 pF
0 V
6 V
38
57
ns
−4.5 V
4.5 V
32
48
CI
Control
CL = 50 pF
10
10
pF
operating characteristics, VCC = 5 V, TA = 25°C, Input tr, tf = 6 ns
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance (see Note 5)
50
pF
NOTE 5: Cpd is used to determine the dynamic power consumption, per package.
PD = Cpd VCC2 fI + Σ (CL + CS) VCC2 fO
fO = output frequency
fI = input frequency
CL = output load capacitance
CS = switch capacitance
VCC = supply voltage


Similar Part No. - CD74HC4051QM96Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4051 TI-CD74HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051 TI-CD74HC4051 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results

Similar Description - CD74HC4051QM96Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com