Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5681IRGCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5681IRGCT
Description  16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5681IRGCT Datasheet(HTML) 3 Page - Texas Instruments

  DAC5681IRGCT Datasheet HTML 1Page - Texas Instruments DAC5681IRGCT Datasheet HTML 2Page - Texas Instruments DAC5681IRGCT Datasheet HTML 3Page - Texas Instruments DAC5681IRGCT Datasheet HTML 4Page - Texas Instruments DAC5681IRGCT Datasheet HTML 5Page - Texas Instruments DAC5681IRGCT Datasheet HTML 6Page - Texas Instruments DAC5681IRGCT Datasheet HTML 7Page - Texas Instruments DAC5681IRGCT Datasheet HTML 8Page - Texas Instruments DAC5681IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
45
42
DAC5681
GND
CLKINC
D4P
D4N
D3P
D3N
D2P
D2N
DVDD
D1P
D1N
D0P
D0N
VFUSE
SDO
SDIO
SCLK
SDENB
D12N
D12P
D13N
D13P
D14N
D14P
DVDD
D15N
D15P
IOVDD
SYNCN
SYNCP
CLKIN
CLKVDD
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
47
46
44
43
41
40
39
38
37
36
35
34
33
48
1
DAC5681
www.ti.com ................................................................................................................................................. SLLS864A – AUGUST 2007 – REVISED JANUARY 2009
DAC5681
RGC PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
51, 54, 55,
Analog supply voltage. (3.3V)
AVDD
I
59–62
BIASJ
57
O
Full-scale output current bias. For 20mA full-scale output current, connect a 960
Ω resistor to GND.
CLKIN
2
I
Positive external clock input with a self-bias of approximately CLKVDD/2.
CLKINC
3
I
Complementary external clock input. (See the CLKIN description)
CLKVDD
1
I
Internal clock buffer supply voltage. (1.8 V)
LVDS positive input data bits 0 through 15. Each positive/negative LVDS pair has an internal 100
7, 11, 13,
termination resistor. Order of bus can be reversed via rev_bus bit in CONFIG5 register. Data format
15, 17, 19,
relative to DCLKP/N clock is Double Data Rate (DDR) with two data samples input per DCLKP/N clock. In
21, 23, 27,
D[15..0]P
I
dual-channel mode, data for the A-channel is input while DCLKP is high.
29, 31, 33,
35, 37, 40,
D15P is most significant data bit (MSB) – pin 7
42
D0P is least significant data bit (LSB) – pin 42
8, 12, 14,
LVDS negative input data bits 0 through 15. (See D[15:0]P description above)
16, 18, 20,
D15N is most significant data bit (MSB) – pin 8
22, 24, 28,
D0N is least significant data bit (LSB) – pin 43
D[15..0]N
I
30, 32, 34,
36, 38, 41,
43
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC5681


Similar Part No. - DAC5681IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI1-DAC5681Z Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCR TI-DAC5681ZIRGCR Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681ZIRGCR TI1-DAC5681ZIRGCR Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCT TI-DAC5681ZIRGCT Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5681IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com