Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4251CZ16-8 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IP4251CZ16-8
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4251CZ16-8 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IP4251CZ16-8 Datasheet HTML 6Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 7Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 8Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 9Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 10Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 11Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 12Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 13Page - NXP Semiconductors IP4251CZ16-8 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IP4251_52_53_54_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 6 May 2009
10 of 16
NXP Semiconductors
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network
To generate SDHC- and MMC-compliant digital signals, the driver strength should not
significantly undercut 8 mA.
7.2.2 LCD interfaces, medium-speed interfaces
For digital interfaces such as LCD display interfaces running at clock speeds between
10 MHz and 25 MHz or more, IP4251, IP4252, or IP4254 can be used in dependency of
the sink load, clock speed, driver strength and rise and fall time requirements. Also the
minimum EMI filter requirements may be a decision-making factor.
7.2.3 Keypad, low-speed interfaces
Especially for lower-speed interfaces such as keypads, low-speed serial interfaces (e.g.
RS232) and low-speed control signals, IP4253 (Rs(ch) = 200 Ω, Cch = 30 pF at
Vbias(DC) = 2.5 V) offers a very robust ESD protection and strong suppression of unwanted
frequencies (EMI-filtering).
Fig 8.
Example of IP4252 in an MMC interface
001aaj309
IP4252CZ12-6
IP4252CZ8-4
DAT1
pull-up resistors
50 k
Ω - 100 kΩ
CMD pull-up
4.7 k
Ω - 100 kΩ
DAT1
C8
e.g.
RSMMC
HOST
INTERFACE
DAT0
C7
DAT7
C13
VSS2
C6
DAT6
C12
CLK
C5
VCC(VMMC)
VCC(VMMC)
C4
VSS1
C3
DAT5
C11
CMD
C2
DAT4
C10
DAT3
C1
DAT2
CMD
DAT4
DAT3
DAT2
C9
DAT0
DAT7
DAT6
CLK
DAT5


Similar Part No. - IP4251CZ16-8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4251CZ16-8-TTL PHILIPS-IP4251CZ16-8-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
Nexperia B.V. All right...
IP4251CZ16-8-TTL NEXPERIA-IP4251CZ16-8-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
More results

Similar Description - IP4251CZ16-8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
   Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4337CX18 NXP-IP4337CX18 Datasheet
78Kb / 12P
   7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4338CX24 NXP-IP4338CX24 Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4035CX24 NXP-IP4035CX24 Datasheet
245Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com