Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

944U700K142ACM Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 944U700K142ACM
Description  Polypropylene Film Capacitors for DC Filtering
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944U700K142ACM Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  944U700K142ACM Datasheet HTML 1Page - Cornell Dubilier Electronics 944U700K142ACM Datasheet HTML 2Page - Cornell Dubilier Electronics 944U700K142ACM Datasheet HTML 3Page - Cornell Dubilier Electronics 944U700K142ACM Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type 944U Polypropylene Film Capacitors for DC Filtering
Metallized Polypropylene Dielectric
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Dielectric Withstand:
33 µF to 220 µF
800 Vdc to 1400 Vdc
±10% standard
–40 ºC to +85ºC
150% Rated Vdc 10s - Between Terminals
4000 Vac 60s - Terminals to Case
Specifications
Ratings
Type 944U is specifically designed for use in medium power DC fil-
tering applications. The low inductance internal construction utilizes
low loss metallized polypropylene for high ripple current capability.
Male or female terminal options offer design flexibility in a rugged
UL 94VO rated flame retardant plastic case and resin fill.
Catalog
Part Number
Cap
(µF)
Rated
Voltage
(Vdc)
H
Height
(mm)
H
Height
(in)
Max ESR
10kHz
(mΩ)
Typical
ESL
(nH)
Max Irms
55ºC
(A)
Thermal Resistance
Θcc
(ºC/W)
Θca
(ºC/W)
944U101K801AA*
100
800
40
1.67
0.5
20
74
2.8
5.2
944U161K801AB*
160
800
51
2.01
0.8
30
73
3.0
4.5
944U221K801AC*
220
800
64
2.52
1.0
40
72
3.1
4.0
944U660K102AA*
66
1000
40
1.67
0.6
20
70
2.8
5.2
944U101K102AB*
100
1000
51
2.01
0.8
30
68
3.0
4.5
944U141K102AC*
140
1000
64
2.57
1.0
40
65
3.1
4.0
944U470K122AA*
47
1200
40
1.67
0.7
20
67
2.8
5.2
944U700K122AB*
70
1200
51
2.01
1.0
30
65
3.0
4.5
944U101K122AC*
100
1200
64
2.57
1.3
40
64
3.1
4.0
944U330K142AA*
33
1400
40
1.67
0.8
20
64
2.8
5.2
944U520K142AB*
52
1400
51
2.01
1.1
30
60
3.0
4.5
944U700K142AC*
70
1400
64
2.57
1.4
40
59
3.1
4.0
Additional values available upon request.
* M = M8 Stud I = M5 Insert
Applications
Inverters: DC Link
DC Output Filter
Complies with the EU Directive
2002/95/EC requirement restrict-
ing the use of Lead (Pb), Mercury
(Hg), Cadmium (Cd), Hexava-
lent chromium (Cr(VI)), PolyBro-
minated Biphenyls (PBB) and
PolyBrominated Diphenyl Ethers
(PBDE).


Similar Part No. - 944U700K142ACM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
944U700K142AC CDE-944U700K142AC Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results

Similar Description - 944U700K142ACM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB138DS JIANGHAI-CBB138DS Datasheet
404Kb / 4P
   Polypropylene Film Capacitors for DC-Link Application
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB131DL JIANGHAI-CBB131DL Datasheet
1Mb / 8P
   Polypropylene Film Capacitors for DC-Link Applications
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Illinois Capacitor, Inc...
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com