Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1313FHN33 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC1313FHN33
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313FHN33 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC1313FHN33 Datasheet HTML 1Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 2Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 3Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 4Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 5Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 6Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 7Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 8Page - NXP Semiconductors LPC1313FHN33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
2 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Other peripherals:
Up to 42 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors.
Four general purpose counter/timers with a total of four capture inputs and 13
match outputs.
Programmable WatchDog Timer (WDT).
System tick timer.
Serial Wire Debug and Serial Wire Trace port.
High-current output driver (20 mA) on one pin.
High-current sink drivers (20 mA) on two I2C-bus pins in Fast-mode Plus.
Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, and Deep power-down modes.
Three reduced power modes: Sleep, Deep-sleep, and Deep power-down.
Single power supply (2.0 V to 3.6 V).
10-bit ADC with input multiplexing among 8 pins.
GPIO pins can be used as edge and level sensitive interrupt sources.
Clock output function with divider that can reflect the system oscillator clock, IRC
clock, CPU clock, or the watchdog clock.
Processor wake-up from Deep-sleep mode via a dedicated start logic using up to 40 of
the functional pins.
Brownout detect with four separate thresholds for interrupt and one threshold for
forced reset.
Power-On Reset (POR).
Integrated oscillator with an operating range of 1 MHz to 25 MHz.
12 MHz internal RC oscillator trimmed to 1 % accuracy over the entire temperature
and voltage range that can optionally be used as a system clock.
Programmable watchdog oscillator with a frequency range of 7.8 kHz to 1.8 MHz.
System PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator or the internal RC
oscillator.
For USB (LPC1342/43), a second, dedicated PLL is provided.
Code Read Protection (CRP) with different security levels.
Unique device serial number for identification.
Available as 48-pin LQFP package and 33-pin HVQFN package.
3.
Applications
eMetering
Lighting
Alarm systems
White goods


Similar Part No. - LPC1313FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1313FHN33 NXP-LPC1313FHN33 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1313FHN33 NXP-LPC1313FHN33 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1313FHN33-01 NXP-LPC1313FHN33-01 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
More results

Similar Description - LPC1313FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com