Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33078MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MC33078MDREP
Description  DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33078MDREP Datasheet(HTML) 1 Page - Texas Instruments

  MC33078MDREP Datasheet HTML 1Page - Texas Instruments MC33078MDREP Datasheet HTML 2Page - Texas Instruments MC33078MDREP Datasheet HTML 3Page - Texas Instruments MC33078MDREP Datasheet HTML 4Page - Texas Instruments MC33078MDREP Datasheet HTML 5Page - Texas Instruments MC33078MDREP Datasheet HTML 6Page - Texas Instruments MC33078MDREP Datasheet HTML 7Page - Texas Instruments MC33078MDREP Datasheet HTML 8Page - Texas Instruments MC33078MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
OUT1
IN1−
IN1+
VCC −
VCC+
OUT2
IN2−
IN2+
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
IN+
IN −
OUT
+
MC33078-EP
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
SLOS495 – OCTOBER 2006
• Controlled Baseline
• Low Input Offset Voltage . . . 0.15 mV
– One Assembly/Test Site, One Fabrication
• Low Total Harmonic Distortion . . . 0.002%
Site
• High Slew Rate . . . 7 V/µs
• Enhanced Diminishing Manufacturing Sources
• High-Gain Bandwidth Product . . . 16 MHz
(DMS) Support
• High Open-Loop AC Gain . . . 800 at 20 kHz
• Enhanced Product-Change Notification
• Large Output-Voltage Swing . . . 14.1 V to
• Qualification Pedigree (1)
–14.6 V
• Dual-Supply Operation . . . ±5 V to ±18 V
• Excellent Gain and Phase Margins
• Low Noise Voltage . . . 4.5 nV/√Hz
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The MC33078-EP is a bipolar dual operational amplifier with high-performance specifications for use in quality
audio and data-signal applications. This device operates over a wide range of single- and dual-supply voltages
and offers low noise, high-gain bandwidth, and high slew rate. Additional features include low total harmonic
distortion, excellent phase and gain margins, large output voltage swing with no deadband crossover distortion,
and symmetrical sink/source performance.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
SOIC – D
Reel of 2500
MC33078MDREP
33078M
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
SYMBOL (EACH AMPLIFIER)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MC33078MDREP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Texas Instruments
MC33078 TI1-MC33078 Datasheet
851Kb / 26P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
NOVEMBER 2006
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results

Similar Description - MC33078MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_1 Datasheet
700Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_2 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2719 NJRC-NJM2719 Datasheet
329Kb / 10P
   Low Noise, High-Speed Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com