Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532X7S2A475MT Datasheet(PDF) 1 Page - TDK Electronics

Part # C4532X7S2A475MT
Description  SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532X7S2A475MT Datasheet(HTML) 1 Page - TDK Electronics

  C4532X7S2A475MT Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date issue
: Jul. 2. '09
Condition for life : Apply 1.5 x rated voltage at maximum operating temperature +/-2degC for 1,000+48, 0h.
This datasheet is to be used for reference purposes only and is subject to change by TDK without notice.
It reflects an overview of the product characteristics/performance for the particular part number. For product specification information,
please refer to TDK's general product specification. Please note that this standard part is not designed or warranted to meet any
specifications of any intermediate or end user different from or in addition to the specifications set forth in TDK's general product
specification. Note also that this standard part has not been specially designed or manufactured for, nor is it intended or warranted
for use in, or permitted to be resold for, specialized applications such as aviation, medical, and/or governmental/military applications
(collectively,
Excluded Applications").
1
BaTiO3
Ni
Cu
Ni
Sn
Electrode
Termination
4
5
No.
1
2
3
1.0+/-0.2Vrms, 1kHz+/-10%
apply rated voltage for 60s
Symbol
L
Dimensions(mm)
Material
Dielectric
Name
B
G
4.50 +/-0.40
W
T
2.30 +/-0.20
0.20 min.
3.20 +/-0.40
Physical Dimensions
Material System
1.0+/-0.2Vrms, 1kHz+/-10%
Conforms to IEC 384-9
EIA 481 Format
(Internal TDK use only)
Insulation Resistance
-
-
4
Rated Voltage
Capacitance
Capacitance Tolerance
Packaging Style
TDK internal Code
Dissipation Factor
475
5
6
7
No.
1
2
3
Temperature Characteristics
X7S
XXXX
1)
2)
3)
4)
5)
6)
Case Size
TDK P/N
C4532
Segment
See below for dimensions.
Class II : Conforms to EIA 198
7)
2A
Comments
MT
4,700,000pF
M : +/-20%
Tape and Reel, 12mm
Detail
4.50 x 3.20 mm
-55 to +125degC
+/-22%
is a trademark or registered trademark of TDK Corporation.
TDK MULTILAYER CERAMIC CHIP CAPACITORS
SPECIFICATION FOR
106Mohm min.
DC
XXXX
0.05 Max.
100V
3
4
5
1
2
L
B
G
W
T


Similar Part No. - C4532X7S2A475MT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
C4532X7S2A475M NXP-C4532X7S2A475M Datasheet
379Kb / 9P
   RF Power GaN Transistor
C4532X7S2A475M NXP-C4532X7S2A475M Datasheet
364Kb / 9P
   RF Power LDMOS Transistor
logo
TDK Electronics
C4532X7S2A475M230KB TDK-C4532X7S2A475M230KB Datasheet
65Kb / 5P
   Multilayer Ceramic Chip Capacitors
logo
NXP Semiconductors
C4532X7S2A475M230KB NXP-C4532X7S2A475M230KB Datasheet
319Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 09/2018
logo
TDK Electronics
C4532X7S2A475M230KB TDK-C4532X7S2A475M230KB_16 Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
More results

Similar Description - C4532X7S2A475MT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608X7S2A104MT TDK-C1608X7S2A104MT Datasheet
104Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C5750X7S2A106MT TDK-C5750X7S2A106MT Datasheet
104Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C1005X7S2A103MT TDK-C1005X7S2A103MT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C1608X7S2A104KT TDK-C1608X7S2A104KT Datasheet
104Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C1005X7S2A103KT TDK-C1005X7S2A103KT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C2012X7S2A105KT TDK-C2012X7S2A105KT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7S2A225KT TDK-C3216X7S2A225KT Datasheet
104Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C3225X7S2A335MT TDK-C3225X7S2A335MT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C2012X7S2A105MT TDK-C2012X7S2A105MT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7S2A225MT TDK-C3216X7S2A225MT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com