Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6012A4PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6012A4PWPR
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6012A4PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6012A4PWPR Datasheet HTML 5Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 6Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 7Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 8Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 9Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 10Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 11Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 12Page - Texas Instruments TPA6012A4PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 250 mW
PO = 500 mW
PO = 900 mW
VDD = 5.0 V
RL = 8 Ω
BTL Output
Gain = 6 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
Po = 10 mW
Po = 40 mW
Po = 80 mW
VDD = 5.0 V
RL = 32 Ω
SE Output
Gain = 0 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
VO = 500 mVRMS
VO = 1.0 VRMS
VO = 1.75 VRMS
VDD = 5.0 V
RL = 10 kΩ
SE Output
Gain = 0 dB
PO − Output Power − W
1m
10m
100m
1
4
0.01
0.1
1
10
100
VDD = 4.5 V
VDD = 5.0 V
VDD = 5.5 V
RL = 3 Ω
BTL Output
Gain = 6 dB
PO − Output Power − W
1m
10m
100m
1
3
0.01
0.1
1
10
100
VDD = 4.5 V
VDD = 5.0 V
VDD = 5.5 V
RL = 4 Ω
BTL Output
Gain = 6 dB
PO − Output Power − W
1m
10m
100m
1
2
0.01
0.1
1
10
100
VDD = 4.5 V
VDD = 5.0 V
VDD = 5.5 V
RL = 8 Ω
BTL Output
Gain = 6 dB
TPA6012A4
www.ti.com
SLOS636 – OCTOBER 2009
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (SE)
vs
vs
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
TOTAL HARMONIC DISTORTION + NOISE (SE)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
FREQUENCY
OUTPUT POWER
Figure 6.
Figure 7.
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 8.
Figure 9.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPA6012A4


Similar Part No. - TPA6012A4PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4 TI-TPA6010A4 Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
666Kb / 25P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Similar Description - TPA6012A4PWPR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com