Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSR850G Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZSR850G
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR850G Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZSR850G Datasheet HTML 1Page - Zetex Semiconductors ZSR850G Datasheet HTML 2Page - Zetex Semiconductors ZSR850G Datasheet HTML 3Page - Zetex Semiconductors ZSR850G Datasheet HTML 4Page - Zetex Semiconductors ZSR850G Datasheet HTML 5Page - Zetex Semiconductors ZSR850G Datasheet HTML 6Page - Zetex Semiconductors ZSR850G Datasheet HTML 7Page - Zetex Semiconductors ZSR850G Datasheet HTML 8Page - Zetex Semiconductors ZSR850G Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DEVICE DESCRIPTION
The ZSR Series three terminal fixed positive voltage
regulators feature internal circuit current limit and
thermal shutdown making the devices difficult to
destroy. The circuit design allows creation of any
custom voltage in the range 2.85 to 12 volts. The
devices are available in a small outline surface mount
package, ideal for applications where space saving is
important, as well as through hole TO92 style
packaging. The devices are suited to local voltage
regulation applications, where problems could be
encountered with distributed single source regulation,
as well as more general voltage regulation
applications.
The ZSR Series show performance characteristics
superior to other local voltage regulators. The initial
output voltage is maintained to within 2.5% with a
quiescent current of typically 350
µA. Output voltage
change, with input voltage and load current, is much
lower than competitive devices. The ZSR devices are
completely stable with no external components.
FEATURES
Small outline SO8 and SOT223 package
TO92 package
2.85 to 12 Volt
Output current up to 200mA
Tight initial tolerance
Low quiescent current
-55 to 125°C temperature range
No external components
Internal thermal shutdown
Internal short circuit current limit
VOLTAGE RANGE
ZSR285
2.85V
ZSR300
3.0V
ZSR330
3.3V
ZSR400
4.0V
ZSR485
4.85V
ZSR500
5.0V
ZSR520
5.2V
ZSR570
5.7V
ZSR600
6.0V
ZSR700
7.0V
ZSR800
8.0V
ZSR850
8.5V
ZSR900
9.0V
ZSR1000
10.0V
ZSR1200
12.0V
ISSUE 3 - SEPTEMBER 2001
ZSR
SERIES
2.85 TO 12 VOLT FIXED POSITIVE
LOCAL VOLTAGE REGULATOR
1


Similar Part No. - ZSR850G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR800 ZETEX-ZSR800 Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR800C ZETEX-ZSR800C Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR800G ZETEX-ZSR800G Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSR800GTA DIODES-ZSR800GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR800GTA ZETEX-ZSR800GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
More results

Similar Description - ZSR850G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com