Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8873MLL Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # KSZ8873MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLL Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button KSZ8873MLL Datasheet HTML 7Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 8Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 9Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 10Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 11Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 12Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 13Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 14Page - Micrel Semiconductor KSZ8873MLL Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2009
11
M9999-092309-1.2
Pin Description and I/O Assignment
Pin Number
Pin Name
Type
(1)
Description
1
RXM1
I/O
Physical receive or transmit signal (– differential)
2
RXP1
I/O
Physical receive or transmit signal (+ differential)
3
AGND
Gnd
Analog ground
4
TXM1
I/O
Physical transmit or receive signal (– differential)
5
TXP1
I/O
Physical transmit or receive signal (+ differential)
6
VDDA_3.3
P
3.3V analog VDD
7
AGND
Gnd
Analog ground.
8
ISET
O
Set physical transmit output current.
Pull-down this pin with a 11.8K 1% resistor to ground.
9
VDDA_1.8
P
1.8 analog VDD input power supply from VDDCO (pin 56) through
external Ferrite bead and capacitor.
10
RXM2
I/O
Physical receive or transmit signal (– differential)
11
RXP2
I/O
Physical receive or transmit signal (+ differential)
12
AGND
Gnd
Analog ground.
13
TXM2
I/O
Physical transmit or receive signal (– differential)
14
TXP2
I/O
Physical transmit or receive signal (+ differential)
15
FXSD2
I
MLL/RLL: connect to analog ground.
FLL: Fiber signal detect / factory test pin
16
PWRND
Ipu
Chip power down input (active low).
17
X1
I
18
X2
O
25 or 50MHz crystal/oscillator clock connections.
Pins (X1, X2) connect to a crystal. If an oscillator is used, X1 connects to
a 3.3V tolerant oscillator and X2 is a no connect.
Note: Clock is +/- 50ppm for both crystal and oscillator.
19
SMTXEN3
I
Switch MII transmit enable
20
SMTXD33/
EN_REFCLKO_3
lpu/I
MLL/FLL: Switch MII transmit data bit 3
RLL: Strap option: RMII mode Clock selection
PU = Enable REFCLKO_3 output
PD = Disable REFCLKO_3 output
21
SMTXD32/
NC
I
MLL/FLL: Switch MII transmit data bit 2
RLL: No connection
22
SMTXD31
I
Switch MII transmit data bit 1
23
SMTXD30
I
Switch MII transmit data bit 0
24
GND
Gnd
Digital ground
25
VDDIO
P
3.3V, 2.5V or 1.8V digital VDD input power supply for IO with well
decoupling capacitors.
26
SMTXC3/
REFCLKI_3
I/O
MLL/FLL: Switch MII transmit clock (MII modes only)
Output in PHY MII mode and SNI mode
Input in MAC MII and RMII mode.
RLL: Reference clock input
Note: pull up or down is needed if internal reference clock is used in RLL.
27
SMTXER3/
MII_LINK_3
I
Switch MII transmit error in MII MAC mode
MII link indicator from host in MII PHY mode. High = No link.


Similar Part No. - KSZ8873MLL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
65Kb / 2P
   Integrated 10/100BASE-T/TX/FX 3-Port Switch
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com