Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6013A4PWPRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA6013A4PWPRG4
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6013A4PWPRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6013A4PWPRG4 Datasheet HTML 2Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA6013A4PWPRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPA6013A4
SLOS635 – NOVEMBER 2009
www.ti.com
Table 1. DC Volume Control (BTL Mode, VDD = 5 V)
(1)
VOLUME (PIN 21)
GAIN OF AMPLIFIER
(Typ) (2)
FROM (V)
TO (V)
0.00
0.26
–85
0.33
0.37
–40
0.44
0.48
–34
0.56
0.59
–31
0.67
0.70
–28
0.78
0.82
–25
0.89
0.93
–22
1.01
1.04
–19
1.12
1.16
–16
1.23
1.27
–13
1.35
1.38
–10
1.46
1.49
–7
1.57
1.60
–4
1.68
1.72
–2
1.79
1.83
–0
1.91
1.94
2
2.02
2.06
4
2.13
2.17
6
2.25
2.28
8
2.36
2.39
10
2.47
2.50
11
2.58
2.61
12
2.70
2.73
13
2.81
2.83
14
2.92
2.95
14.5
3.04
3.06
15
3.15
3.17
15.5
3.26
3.29
16
3.38
3.40
16.5
3.49
3.51
17
3.60
3.63
17.5
3.71
5.00
18
(1)
For other values of VDD, scale the voltage values in the table by a factor of VDD/5.
(2)
Tested in production. Remaining gain steps are specified by design.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA6013A4


Similar Part No. - TPA6013A4PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6013A4PWPRG4 TI1-TPA6013A4PWPRG4 Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - TPA6013A4PWPRG4

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com