Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2880 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2880 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2880 Datasheet HTML 5Page - NXP Semiconductors LPC2880 Datasheet HTML 6Page - NXP Semiconductors LPC2880 Datasheet HTML 7Page - NXP Semiconductors LPC2880 Datasheet HTML 8Page - NXP Semiconductors LPC2880 Datasheet HTML 9Page - NXP Semiconductors LPC2880 Datasheet HTML 10Page - NXP Semiconductors LPC2880 Datasheet HTML 11Page - NXP Semiconductors LPC2880 Datasheet HTML 12Page - NXP Semiconductors LPC2880 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
LPC2880_LPC2888_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 17 April 2008
9 of 43
NXP Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
CKE/P1[9]
B10
FO
clock enable; active HIGH for SDRAM; GPIO pin
DQM0/P1[10]
C12
FO
data mask output for D[7:0], active HIGH for SDRAM; GPIO pin
DQM1/P1[11]
A11
FO
data mask output for D[15:8], active HIGH for SDRAM; GPIO pin
DYCS/P1[8]
B9
FO
chip select, active LOW for SDRAM; GPIO pin
MCLKO/P1[14]
A10
FO
clock for SDRAM and SyncFlash memory; GPIO pin
OE/P1[18]
A17
FO
output enable, active LOW for static memory; GPIO pin
RAS/P1[17]
A9
FO
row address strobe, active LOW for SDRAM; GPIO pin
RPO/P1[19]
B1
FO
reset power-down, active LOW for SyncFlash memory; GPIO pin
STCS0/P1[5]
C9
FO
chip select, active LOW for static memory bank 0; GPIO pin
STCS1/P1[6]
A8
FO
chip select, active LOW for static memory bank 1; GPIO pin
STCS2/P1[7]
B11
FO
chip select, active LOW for static memory bank 2; GPIO pin
WE/P1[15]
C11
FO
write enable, active LOW for SDRAM and static memory; GPIO pin
GPIO and mode control
MODE1/P2[2]
K18
FI
start-up mode pin 1 (pull-down); 5 V tolerant GPIO pin
MODE2/P2[3]
J16
FI
start-up mode pin 2 (pull-down); 5 V tolerant GPIO pin
P2[0]
K16
FI
5 V tolerant GPIO pin
P2[1]
K17
FI
5 V tolerant GPIO pin
I2C-bus interface
SCL
H16
I/O
serial clock (input/open-drain output); 5 V tolerant pin
SDA
J17
I/O
serial data (input/open-drain output); 5 V tolerant pin
JTAG interface
JTAG_SEL
U4
I
JTAG selection (pull-down); 5 V tolerant pin
JTAG_TCK
V4
I
JTAG reset input (pull-down); 5 V tolerant pin
JTAG_TDI
T5
I
JTAG data input (pull-up); 5 V tolerant pin
JTAG_TMS
U12
I
JTAG mode select input (pull-up); 5 V tolerant pin
JTAG_TRST
T13
I
JTAG reset input (pull-down); 5 V tolerant pin
JTAG_TDO
U13
O
JTAG data output; 5 V tolerant pin
LCD interface
LCS/P4[0]
B3
FO
chip select to LCD device, programmable polarity; 5 V tolerant GPIO pin
LD0/P4[4]
C2
FO
data bus to/from LCD (I/O) or 5 V tolerant GPIO pins
LD1/P4[5]
C1
FO
LD2/P4[6]
C3
FO
LD3/P4[7]
D2
FO
LD4/P4[8]
D1
FO
LD5/P4[9]
D3
FO
LD6/P4[10]
E2
FO
LD7/P4[11]
E3
FO
LER/P4[3]
F2
FO
6800 E or 8080 RD or 5 V tolerant GPIO pin
LRS/P4[1]
F3
FO
‘HIGH’ data register select, ‘LOW’ instruction register select, or 5 V tolerant
GPIO pin
LRW/P4[2]
G2
FO
6800 W/R or 8080 WR or 5 V tolerant GPIO pin
Table 4.
Pin description …continued
Symbol
Ball #
Type[1]
Description


Similar Part No. - LPC2880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2880 PHILIPS-LPC2880 Datasheet
164Kb / 34P
   16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
Rev. 01-22 June 2006
LPC2880FET180 PHILIPS-LPC2880FET180 Datasheet
164Kb / 34P
   16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
Rev. 01-22 June 2006
More results

Similar Description - LPC2880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2880 PHILIPS-LPC2880 Datasheet
164Kb / 34P
   16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
Rev. 01-22 June 2006
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
logo
Microchip Technology
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
logo
NXP Semiconductors
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com