Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54290 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54290
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54290 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54290 Datasheet HTML 1Page - Texas Instruments TPS54290 Datasheet HTML 2Page - Texas Instruments TPS54290 Datasheet HTML 3Page - Texas Instruments TPS54290 Datasheet HTML 4Page - Texas Instruments TPS54290 Datasheet HTML 5Page - Texas Instruments TPS54290 Datasheet HTML 6Page - Texas Instruments TPS54290 Datasheet HTML 7Page - Texas Instruments TPS54290 Datasheet HTML 8Page - Texas Instruments TPS54290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
–40
1.55
1.50
20
–25
35
–10
50
5
65
95 110 125
80
1.65
1.60
1.75
1.70
T
J – Junction Temperature – °C
Non-Switching
40
0
–40
20
–25
35
–10
50
5
65
95 110 125
80
T
J – Junction Temperature – °C
60
20
120
80
140
100
V
IN = 4.5 V
V
IN = 12 V
V
IN = 18 V
3.6
–40
20
–25
35
–10
50
5
65
95 110 125
80
T
J – Junction Temperature – °C
3.7
3.8
4.1
3.9
4.2
4.0
UVLO OFF
UVLO ON
–40
1.14
1.12
20
–25
35
–10
50
5
65
95 110 125
80
1.20
1.18
1.26
1.24
T
J – Junction Temperature – °C
Enable ON
Enable OFF
1.16
1.22
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
TYPICAL PERFORMANCE CHARACTERISTICS
QUIESCENT CURRENT
SHUTDOWN CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
UVLO TURN-ON AND TURN-OFF THRESHOLDS
ENx TURN ON AND OFF THRESHOLD
vs
vs
TEMPERATURE
TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWP TI-TPS54290PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWP TI1-TPS54290PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWPR TI-TPS54290PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com