Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2927 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2927
Description  ARM9 microcontroller with CAN, LIN, and USB
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2927 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2927_10 Datasheet HTML 6Page - NXP Semiconductors LPC2927_10 Datasheet HTML 7Page - NXP Semiconductors LPC2927_10 Datasheet HTML 8Page - NXP Semiconductors LPC2927_10 Datasheet HTML 9Page - NXP Semiconductors LPC2927_10 Datasheet HTML 10Page - NXP Semiconductors LPC2927_10 Datasheet HTML 11Page - NXP Semiconductors LPC2927_10 Datasheet HTML 12Page - NXP Semiconductors LPC2927_10 Datasheet HTML 13Page - NXP Semiconductors LPC2927_10 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
LPC2927_29_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2010
10 of 95
NXP Semiconductors
LPC2927/2929
ARM9 microcontroller with CAN, LIN, and USB
VDDA(ADC5V0)
109
5 V supply voltage for ADC0 and 5 V reference for ADC0.
VREFP
110[3]
HIGH reference for ADC
VREFN
111[3]
LOW reference for ADC
P0[8]/IN1[0]/TXDL0/
A20
112[4]
GPIO0, pin 8
ADC1 IN0
LIN0 TXD/UART TXD
EXTBUS A20
P0[9]/IN1[1]/
RXDL0/A21
113[4]
GPIO0, pin 9
ADC1 IN1
LIN0 RXD/UART TXD
EXTBUS A21
P0[10]/IN1[2]/
PMAT1[0]/A8
114[4]
GPIO0, pin 10
ADC1 IN2
PWM1 MAT0
EXTBUS A8
P0[11]/IN1[3]/
PMAT1[1]/A9
115[4]
GPIO0, pin 11
ADC1 IN3
PWM1 MAT1
EXTBUS A9
P2[14]/SDA1/
PCAP0[0]/BLS0
116[1]
GPIO2, pin 14
I2C1 SDA
PWM0 CAP0
EXTBUS BLS0
P2[15]/SCL1/
PCAP0[1]/BLS1
117[1]
GPIO2, pin 15
I2C1 SCL
PWM0 CAP1
EXTBUS BLS1
P3[2]/MAT3[0]/
PMAT2[2]/
USB_SDA
118[1]
GPIO3, pin 2
TIMER3 MAT0
PWM2 MAT2
USB_SDA
VSS(IO)
119
ground for I/O
P3[3]/MAT3[1]/
PMAT2[3]/
USB_SCL
120[1]
GPIO3, pin 3
TIMER3 MAT1
PWM2 MAT3
USB_SCL
P0[12]/IN1[4]/
PMAT1[2]/A10
121[4]
GPIO0, pin 12
ADC1 IN4
PWM1 MAT2
EXTBUS A10
P0[13]/IN1[5]/
PMAT1[3]/A11
122[4]
GPIO0, pin 13
ADC1 IN5
PWM1 MAT3
EXTBUS A11
P0[14]/IN1[6]/
PMAT1[4]/A12
123[4]
GPIO0, pin 14
ADC1 IN6
PWM1 MAT4
EXTBUS A12
P0[15]/IN1[7]/
PMAT1[5]/A13
124[4]
GPIO0, pin 15
ADC1 IN7
PWM1 MAT5
EXTBUS A13
P0[16]IN2[0]/
TXD0/A22
125[4]
GPIO0, pin 16
ADC2 IN0
UART0 TXD
EXTBUS A22
P0[17]/IN2[1]/
RXD0/A23
126[4]
GPIO0, pin 17
ADC2 IN1
UART0 RXD
EXTBUS A23
VDD(CORE)
127
1.8 V power supply for digital core
VSS(CORE)
128
ground for digital core
P2[16]/TXD1/
PCAP0[2]/BLS2
129[1]
GPIO2, pin 16
UART1 TXD
PWM0 CAP2
EXTBUS BLS2
P2[17]/RXD1/
PCAP1[0]/BLS3
130[1]
GPIO2, pin 17
UART1 RXD
PWM1 CAP0
EXTBUS BLS3
VDD(IO)
131
3.3 V power supply for I/O
P0[18]/IN2[2]/
PMAT2[0]/A14
132[4]
GPIO0, pin 18
ADC2 IN2
PWM2 MAT0
EXTBUS A14
Table 3.
LQFP144 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3


Similar Part No. - LPC2927_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2927FBD144 NXP-LPC2927FBD144 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2927FBD144 NXP-LPC2927FBD144 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
More results

Similar Description - LPC2927_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
   ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
   ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
   ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
   PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com