Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC3180 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC3180
Description  16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3180 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC3180 Datasheet HTML 3Page - NXP Semiconductors LPC3180 Datasheet HTML 4Page - NXP Semiconductors LPC3180 Datasheet HTML 5Page - NXP Semiconductors LPC3180 Datasheet HTML 6Page - NXP Semiconductors LPC3180 Datasheet HTML 7Page - NXP Semiconductors LPC3180 Datasheet HTML 8Page - NXP Semiconductors LPC3180 Datasheet HTML 9Page - NXP Semiconductors LPC3180 Datasheet HTML 10Page - NXP Semiconductors LPC3180 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LPC3180_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 15 February 2007
7 of 36
NXP Semiconductors
LPC3180
16/32-bit ARM microcontroller with external memory interface
[1]
These pins are connected internally and must be left unconnected in an application.
9
GPO_00/TST_CLK1
10
GPO_05
11
VDD_IO18_03
12
RESOUT_N
13
i.c.[1]
14
i.c.[1]
15
i.c.[1]
16
i.c.[1]
17
VSS_CORE_09
18
VDD_CORE12_08
19
FLASH_IO[04]
20
RAM_A[01]
21
VSS_SDRAM_09
22
RAM_A[07]
23
RAM_A[08]
24
RAM_A[11]
Row AC
1
I2C1_SDA
2
VSS
3
VSS
4
VSS
5
VSS
6
VSS
7
VDD_IO18_04
8
USB_I2C_SCL
9
GPO_01
10
GPO_19
11
VSS
12
VSS_IO18_03
13
i.c.[1]
14
i.c.[1]
15
FLASH_CLE
16
VSS_IO18_01
17
FLASH_IO[06]
18
FLASH_RDY
19
FLASH_IO[02]
20
FLASH_IO[03]
21
FLASH_CE_N
22
RAM_A[04]
23
RAM_A[06]
24
VDD_SDRAM18_08
Row AD
1
VSS
2
i.c.[1]
3
VSS
4
VDD1828
5
VSS
6
USB_OE_TP_N
7
USB_I2C_SDA
8
I2C2_SCL
9
GPO_14
10
GPO_20
11
VSS
12
i.c.[1]
13
i.c.[1]
14
i.c.[1]
15
VSS_IO18_02
16
i.c.[1]
17
FLASH_WR_N
18
FLASH_IO[07]
19
FLASH_IO[05]
20
FLASH_IO[01]
21
FLASH_IO[00]
22
RAM_A[00]
23
RAM_A[02]
24
RAM_A[03]
Table 2.
Pin allocation table …continued
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol


Similar Part No. - LPC3180

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3180 PHILIPS-LPC3180 Datasheet
215Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
LPC3180/01 NXP-LPC3180/01 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC3180FEL320 PHILIPS-LPC3180FEL320 Datasheet
215Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
More results

Similar Description - LPC3180

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3180 PHILIPS-LPC3180 Datasheet
215Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
LPC3220 NXP-LPC3220 Datasheet
365Kb / 73P
   16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
   16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
logo
Digital Core Design
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
   Floating Point Coprocessor
logo
Winbond
W90P710 WINBOND-W90P710_05 Datasheet
2Mb / 526P
   16/32-bit ARM microcontroller
W90N745CD WINBOND-W90N745CD Datasheet
2Mb / 422P
   16/32-bit ARM microcontroller
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
   HCMOS Floating-Point Coprocessor
logo
Digital Core Design
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
   Floating Point Arithmetic Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com