Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79501DCQ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79501DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79501DCQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79501DCQ Datasheet HTML 5Page - Texas Instruments TPS79501DCQ Datasheet HTML 6Page - Texas Instruments TPS79501DCQ Datasheet HTML 7Page - Texas Instruments TPS79501DCQ Datasheet HTML 8Page - Texas Instruments TPS79501DCQ Datasheet HTML 9Page - Texas Instruments TPS79501DCQ Datasheet HTML 10Page - Texas Instruments TPS79501DCQ Datasheet HTML 11Page - Texas Instruments TPS79501DCQ Datasheet HTML 12Page - Texas Instruments TPS79501DCQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
PROGRAMMING THE TPS79501
C
1
+
(3
10*7)
(R
1
) R2)
(R
1
R
2)
(3)
V
OUT + VREF
1 )
R
1
R
2
(1)
REGULATOR PROTECTION
R
1
+
V
OUT
V
REF
* 1
R
2
(2)
TPS79501
GND
FB
IN
OUT
EN
V
IN
V
OUT
R
1
C
1
R
2
1 F
m
1 F
m
OUTPUTVOLTAGE
PROGRAMMINGGUIDE
1.8V
3.6V
14.0k
W
57.9k
W
30.1k
W
30.1k
W
33pF
15pF
OUTPUT
VOLTAGE
R
1
R
2
C
1
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
The approximate value of this capacitor can be
ADJUSTABLE LDO REGULATOR
calculated as Equation 3:
The output voltage of the TPS79501 adjustable
regulator is programmed using an external resistor
divider as shown in Figure 24. The output voltage is
The suggested value of this capacitor for several
calculated using Equation 1:
resistor ratios is shown in the table within Figure 24.
If this capacitor is not used (such as in a unity-gain
configuration), then the minimum recommended
output capacitor is 2.2
µF instead of 1 µF.
where:
VREF = 1.2246 V typ (the internal reference
voltage)
The TPS795xx PMOS-pass transistor has a built-in
back diode that conducts reverse current when the
Resistors
R1 and R2 should be chosen for
input voltage drops below the output voltage (for
approximately 40-
µA divider current. Lower value
example, during power down). Current is conducted
resistors
can
be
used
for
improved
noise
from the output to the input and is not internally
performance, but the device wastes more power.
limited. If extended reverse voltage operation is
Higher values should be avoided, as leakage current
anticipated, external limiting might be appropriate.
at FB increases the output voltage error.
The TPS795xx features internal current limiting and
The recommended design procedure is to choose
thermal protection. During normal operation, the
R2 = 30.1 kΩ to set the divider current at 40 µA,
TPS795xx limits output current to approximately 2.8
C1 = 15 pF for stability, and then calculate R1 using
A. When current limiting engages, the output voltage
Equation 2:
scales back linearly until the overcurrent condition
ends. While current limiting is designed to prevent
gross device failure, care should be taken not to
exceed the power dissipation ratings of the package.
In order to improve the stability of the adjustable
If
the
temperature
of
the
device
exceeds
version, it is suggested that a small compensation
approximately
165
°C, thermal-protection circuitry
capacitor be placed between OUT and FB.
shuts it down. Once the device has cooled down to
below
approximately
140
°C, regulator operation
resumes.
Figure 24. TPS79501 Adjustable LDO Regulator Programming
9
Submit Documentation Feedback


Similar Part No. - TPS79501DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501DCQ TI-TPS79501DCQ Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQ TI1-TPS79501DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501DCQG4 TI1-TPS79501DCQG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501DCQR TI-TPS79501DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQR TI1-TPS79501DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79501DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com