Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79501DCQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79501DCQR
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79501DCQR Datasheet(HTML) 4 Page - Texas Instruments

  TPS79501DCQR Datasheet HTML 1Page - Texas Instruments TPS79501DCQR Datasheet HTML 2Page - Texas Instruments TPS79501DCQR Datasheet HTML 3Page - Texas Instruments TPS79501DCQR Datasheet HTML 4Page - Texas Instruments TPS79501DCQR Datasheet HTML 5Page - Texas Instruments TPS79501DCQR Datasheet HTML 6Page - Texas Instruments TPS79501DCQR Datasheet HTML 7Page - Texas Instruments TPS79501DCQR Datasheet HTML 8Page - Texas Instruments TPS79501DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
Current
Sense
Thermal
Shutdown
UVLO
UVLO
R
1
FB
R
2
External to
the Device
Overshoot
Detect
250 k
Quickstart
Bandgap
Reference
1.225 V
IN
V
IN
EN
GND
OUT
300
V
REF
ILIM
SHUTDOWN
Current
Sense
Thermal
Shutdown
UVLO
UVLO
R
1
R
2
R
2 = 40 kΩ
Overshoot
Detect
250 k
Quickstart
Bandgap
Reference
1.225 V
IN
V
IN
EN
GND
NR
OUT
300
V
REF
ILIM
SHUTDOWN
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
Table 1. Terminal Functions
SOT223 (DCQ)
3x3 SON (DRB)
NAME
PIN NO.
PIN NO.
DESCRIPTION
IN
2
1, 2
Unregulated input to the device
GND
3, 6
6
Regulator ground
EN
1
8
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
shutdown mode. EN can be connected to IN if not used.
NR
5
5
Noise-reduction pin for fixed versions only. Connecting an external capacitor to this pin bypasses
noise generated by the internal bandgap, which improves power-supply rejection and reduces
output noise. (Not available on adjustable versions.)
FB
5
5
Feedback input voltage for the adjustable device. (Not available on fixed voltage versions.)
OUT
4
3, 4
Regulator output.
NC
7
Not connected
4
Submit Documentation Feedback


Similar Part No. - TPS79501DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501DCQR TI-TPS79501DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501DCQR TI1-TPS79501DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501DCQRG4 TI1-TPS79501DCQRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79501DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com