Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7242RSJT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7242RSJT
Description  Digital Dual Synchronous-Buck Power Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7242RSJT Datasheet(HTML) 1 Page - Texas Instruments

  UCD7242RSJT Datasheet HTML 1Page - Texas Instruments UCD7242RSJT Datasheet HTML 2Page - Texas Instruments UCD7242RSJT Datasheet HTML 3Page - Texas Instruments UCD7242RSJT Datasheet HTML 4Page - Texas Instruments UCD7242RSJT Datasheet HTML 5Page - Texas Instruments UCD7242RSJT Datasheet HTML 6Page - Texas Instruments UCD7242RSJT Datasheet HTML 7Page - Texas Instruments UCD7242RSJT Datasheet HTML 8Page - Texas Instruments UCD7242RSJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
BP3
GND
T
MON
V
IN
PWM-B
SRE-B
FLT-B
V
DIS
GG
I
-B
MON
BST-B
BSW-B
SW-B
PGND
PWM-A
SRE-A
FLT-A
I
-A
MON
BST-A
BSW-A
SW-A
PGND
V
GG
UCD7242
www.ti.com
SLUS962 – JANUARY 2010
Digital Dual Synchronous-Buck Power Driver
Check for Samples: UCD7242
1
FEATURES
APPLICATIONS
Digitally-Controlled Synchronous-Buck Power
Fully Integrated Power Switches With Drivers
Stages
for Dual Synchronous Buck Converters
High Current Dual-Phase VRM/EVRD
Full Compatibility With TI Fusion Digital Power
Regulators for Desktop, Server, Telecom and
Supply Controllers, Such as the UCD92xx
Notebook Processors
Family
Wide Input Voltage Range: 4.75 V to 18 V
Operational Down to 2.2 V Input With an
External Bias Supply
Up to 10A Output Current per Channel
Operational to 2 MHz Switching Frequency
High Side Current Limit With Current Limit
Flag
Onboard Regulated 6 V Driver Supply From VIN
Thermal Protection
Temperature Sense Output – Voltage
Proportional to Chip Temperature
UVLO and OVLO Circuits Ensure Proper Drive
Voltage
Rated From –40°C to 125°C Junction
Temperature
RoHS Compliant
Accurate On-Die Current Sensing (±5%)
DESCRIPTION
The UCD7242 is a complete power system ready to drive two independent buck power supplies (see Figure 1).
High side MOSFETs, low side MOSFETs, drivers, current sensing circuitry and necessary protection functions
are all integrated into one monolithic solution to facilitate minimum size and maximum efficiency. Driver circuits
provide high charge and discharge current for the high-side NMOS switch and the low-side NMOS synchronous
rectifier in a synchronous buck circuit. The MOSFET gates are driven to +6.25 V by an internally regulated VGG
supply. The internal VGG regulator can be disabled to permit the user to supply an independent gate drive
voltage. This flexibility allows a wide power conversion input voltage range of 2.2V to 18V. Internal under voltage
lockout (UVLO) logic ensures VGG is good before allowing chip operation.
The synchronous rectifier enable (SRE) pin controls whether or not the low-side MOSFET is turned on when the
PWM signal is low. When SRE is high the part operates in continuous conduction mode for all loads. In this
mode the drive logic block uses the PWM signal to control both the high-side and low-side gate drive signals.
Dead time is also optimized to prevent cross conduction. When SRE is low, the part operates in discontinuous
conduction mode at light loads. In this mode the low-side MOSFET is always held off.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD7242RSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242RSJT TI-UCD7242RSJT Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242RSJT TI-UCD7242RSJT Datasheet
1Mb / 35P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242RSJT TI1-UCD7242RSJT Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
More results

Similar Description - UCD7242RSJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242_101 TI-UCD7242_101 Datasheet
1Mb / 35P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP_16 Datasheet
1Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI1-UCD7242_17 Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD9112 TI1-UCD9112_16 Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com