Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7704 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRP7704
Description  Quad-Output Digital PWM Buck Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7704 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRP7704 Datasheet HTML 7Page - Exar Corporation XRP7704 Datasheet HTML 8Page - Exar Corporation XRP7704 Datasheet HTML 9Page - Exar Corporation XRP7704 Datasheet HTML 10Page - Exar Corporation XRP7704 Datasheet HTML 11Page - Exar Corporation XRP7704 Datasheet HTML 12Page - Exar Corporation XRP7704 Datasheet HTML 13Page - Exar Corporation XRP7704 Datasheet HTML 14Page - Exar Corporation XRP7704 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
XRP7704
REV 1.1.0
Quad-Output Digital PWM Buck Controller
APPLICATION INFORMATION (Cont)
CH1:3.3V CH2:5V CH3:1V CH4:1.8V
Simultaneous Start-up Configuration
CH1:3.3V CH2:5V CH3:1V CH4:1.8V
Sequential Start-up Configuration
CH1: Vout (5V)
Startup into 3V prebias - 5V output
CH1:3.3V CH2:5V CH3:1V CH4:1.8V
Simultaneous Soft-Stop
CH1:5V CH2:3.3V CH3:1.8V CH4:1.2V
Sequential Soft-Stop Configuration
Vout Shutdown = 0.8V, 3A load
CH1:3.3V CH2:5V CH3:1V CH4:1.8V
Sequential Soft-Stop Configuration
Vout Shutdown = 0.8V, No load
EXAR CONFIDENTIAL. PROPRIETARY. DO NOT DISTRIBUTE OR COPY.
11


Similar Part No. - XRP7704

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7704 EXAR-XRP7704 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
XRP7704ILBF EXAR-XRP7704ILBF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRP7704

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7740 EXAR-XRP7740 Datasheet
822Kb / 31P
   Quad-Output Digital PWM Buck Controller Supporting high current loads
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
   Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
logo
International Rectifier
CHL8266 IRF-CHL8266 Datasheet
273Kb / 2P
   Digital Multi-Phase GPU Buck Controller GPU-compliant Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com