Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7714 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRP7714
Description  Quad Channel Digital PWM Step Down Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7714 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRP7714 Datasheet HTML 6Page - Exar Corporation XRP7714 Datasheet HTML 7Page - Exar Corporation XRP7714 Datasheet HTML 8Page - Exar Corporation XRP7714 Datasheet HTML 9Page - Exar Corporation XRP7714 Datasheet HTML 10Page - Exar Corporation XRP7714 Datasheet HTML 11Page - Exar Corporation XRP7714 Datasheet HTML 12Page - Exar Corporation XRP7714 Datasheet HTML 13Page - Exar Corporation XRP7714 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
X
XR
RP
P7
77
71
14
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
10/27
Rev. 1.1.3
Fig. 16: Sequential Soft-stop
VOUT Shutdown=0.8V, 3A load
CH1:3.3V, CH2:5V, CH3:1V, CH4:1.8V
Fig. 17: Load Transient Response
CH1: Iout (1A/div) CH2:Vout(3.3V)
Fig. 18: Temperature Regulation
1.8V out (±1% Vout window)
Fig. 19: Temperature Regulation
1.0V out (±1% Vo window)
Fig. 20: Temperature and Voltage Regulation
1.8V out (±1% Vout window)
1.782
1.786
1.79
1.794
1.798
1.802
1.806
1.81
1.814
1.818
‐40
‐15
10
35
60
85
Ambient,  Degrees C
No Load
"Full Load"
0.99
0.994
0.998
1.002
1.006
1.01
‐40
‐15
10
35
60
85
Ambient,  Degrees C
No Load
Full Load


Similar Part No. - XRP7714

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7714 EXAR-XRP7714 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
XRP7714 EXAR-XRP7714 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714EVB EXAR-XRP7714EVB Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714ILB-0X10-F EXAR-XRP7714ILB-0X10-F Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7714

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com