Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7708ILBTR-F Datasheet(PDF) 11 Page - Exar Corporation

Part # XRP7708ILBTR-F
Description  Quad Channel Digital PWM Step Down Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708ILBTR-F Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRP7708ILBTR-F Datasheet HTML 7Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 8Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 9Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 10Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 11Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 12Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 13Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 14Page - Exar Corporation XRP7708ILBTR-F Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
11/27
Rev. 1.0.3
FEATURES AND BENEFITS
General DPWM Benefits:
• Eliminate temperature and time variations associated
with passive components in:
− Output set point
− Feedback compensation
− Frequency set point
− Under voltage lock out
− Input voltage measurement
− Gate drive dead time
• Tighter parameter tolerances including operating
frequency set point
• Easy configuration and re-configuration for different
Vout, Iout, Cout, and Inductor selection by simply
changing internal PID coefficients. No need to change
external passives for a new output specification.
• Higher integration: Many external circuits can be
handled by monitoring or modifying internal registers
• Selectable DPWM frequency and Controller Clock
Frequency
Other Benefits:
• A single voltage is needed for regulation [no External
LDO required].
• I2C interface allows:
− Communication with a System Controller or other
Power Management devices for optimized system
function
− Access to modify or read internal registers that
control or monitor:
− Output Current
− Input and Output Voltage
− Soft-Start/Soft-Stop Time
− ‘Power Good’
− Part Temperature
− Enable/Disable Outputs
− Over Current
− Over Voltage
− Temperature Faults
− Adjusting fault limits and disabling/enabling
faults
• 6 Configurable GPIO pins, (4 if I2C is in use). Pins can
be configured in several ways:
− Fault reporting (including OCP, OVP, Temperature,
Soft-Start in progress, Power Good)
− Allows a Logic Level interface with other non-digital
IC’s or as logic inputs to other devices
− Possible to configure as traditional ‘enable’ pin for
all 4 outputs
− 2 GPIOs can be dedicated to the I2C Interface as
required by the customers design
• Frequency and Synchronization Capability
− Selectable switching frequency between 300kHz and
1.5MHz
− Each output can be programmed to any one of 4
possible phases
− Both internal clock and DPWM clock can be
synchronized to external sources
− ‘Master’, ‘Slave’ and ‘Stand-alone’ Configurations
are possible
• Internal MOSFET Drivers
− Internal FET drivers (3Ω) for each Channel
− Built-In Automatic Dead-time adjustment
− 30ns Rise and Fall times
− Soft-start into a pre-biased load and Soft-stop with
programmable endpoint voltage
• GUI
(Graphical
User
Interface)
Design
and
Configuration Software:
− In its simplest form only VIN, VOUT, and Iout for
each channel is required. The XRP7708
Configuration Software can generate all parts for a
system bill of material including: Input Capacitor,
FETs, Inductor and Output Capacitor.
− Tool calculates configuration register content based
upon customer requirements. PID coefficients for
correct loop response (for automatic or customized
designs) can be generated and sent to the device.
− Configurations can be saved and/or recalled
− GPIOs can be configured easily and intuitively
− Synchronization configuration can be adjusted
− Interface can be used for real-time debugging and
optimization
Customizing XRP7708 with customer parameters
− Once a configuration is finalized it can be sent to
EXAR and can reside in pre-programmed parts that
customers can order with an individual part number.
− Allows parts to be used without I2C interface
System Benefits:
• Reliability is enhanced via communication with the
system controller which can obtain real time data on
an output voltage, input voltage and current.
• System
processors
can
communicate
with
the
XRP7708 directly to obtain data or make adjustments
to react to circuit conditions
• A system process or could also be configured to log
and analyze operating history, perform diagnostics and
if required, take the supply off-line after making other
system adjustments.
• If customer field service is a possibility for your end
product, parameter reporting and history would
provide additional capabilities for troubleshooting or
aid in future system upgrades.


Similar Part No. - XRP7708ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708ILBTR-F EXAR-XRP7708ILBTR-F Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results

Similar Description - XRP7708ILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com