Electronic Components Datasheet Search |
|
XRP7708ILBTR-F Datasheet(PDF) 3 Page - Exar Corporation |
|
XRP7708ILBTR-F Datasheet(HTML) 3 Page - Exar Corporation |
3 / 27 page X XR RP P7 77 70 08 8 Q Qu ua ad d C Ch ha an nn ne ell D Diig giitta all P PW WM M S Stte ep p D Do ow wn n C Co on nttrro olllle err © 2010 Exar Corporation 3/27 Rev. 1.0.3 Parameter Min. Typ. Max. Units Conditions LDOOUT Output Voltage LDO=LOW 3.15 3.3 3.45 V • 6.5V≤VIN1≤20V 0mA<ILDOOUT<100mA LDOOUT Output Voltage LDO=HIGH 4.75 5.0 5.25 V • 6.5V≤VIN1≤20V 0mA<ILDOOUT<100mA LDOOUT Short Circuit Current Limit 110 220 mA • VLDOOUT=0V Auxiliary ADCs Parameter Min. Typ. Max. Units Conditions Linearity Error Integral 2 LSB Linearity Error Differential -1 1 LSB Input Dynamic Range VIN1 6.5 20 V • Input Dynamic Range VIN2 6.5 20 V • Isense ADC Parameter Min. Typ. Max. Units Conditions ADC LSB 5 mV Referred to the input Input Dynamic Range 0 -320 mV PWM Generators and Oscillator Parameter Min. Typ. Max. Units Conditions Output frequency range 300 1500 kHz • Steps defined in the table in the PWM Switching Frequency Setting section below Channel-to-channel phase shift step 90 deg Minimum On Time 40 ns 1nF of gate capacitance Minimum Off Time 125 ns 1nF of gate capacitance CLOCK IN Synchronization Range -5 5 % • Digital Input/Output Pins (GPIO0-GPIO5) 3.3V CMOS logic compatible, 5V tolerant Parameter Min. Typ. Max. Units Conditions Input Pin Low Level 0.8 V • Input Pin High Level 2.0 V • Input Pin Leakage Current 10 µA • VIO=3.3V Input pin Capacitance 5 pF Output Pin Low Level 0.4 V • ISINK=3mA Output Pin High Level 2.4 V • ISOURCE=1mA Output Pin High Level (no load) 3.3 3.6 V • ISOURCE=0mA I2C Specification Parameter Min. Typ. Max. Units Conditions I2C Speed 400 kHz Based upon I2C master clock Input Pin Low Level, VIL 1.0 V Input Pin High Level, VIH 2.97 V Hysteresis of Schmitt Trigger Inputs, VHYS 0.165 V |
Similar Part No. - XRP7708ILBTR-F |
|
Similar Description - XRP7708ILBTR-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |