Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7708ILB-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XRP7708ILB-F
Description  Quad Channel Digital PWM Step Down Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708ILB-F Datasheet(HTML) 2 Page - Exar Corporation

  XRP7708ILB-F Datasheet HTML 1Page - Exar Corporation XRP7708ILB-F Datasheet HTML 2Page - Exar Corporation XRP7708ILB-F Datasheet HTML 3Page - Exar Corporation XRP7708ILB-F Datasheet HTML 4Page - Exar Corporation XRP7708ILB-F Datasheet HTML 5Page - Exar Corporation XRP7708ILB-F Datasheet HTML 6Page - Exar Corporation XRP7708ILB-F Datasheet HTML 7Page - Exar Corporation XRP7708ILB-F Datasheet HTML 8Page - Exar Corporation XRP7708ILB-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
2/27
Rev. 1.0.3
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VCCA, VCCD, LDOOUT, GLx, VOUTx............................ 6V
AVDD, DVDD ........................................................ 2.0V
VIN1, VIN2 ............................................................ 22V
LXx..............................................................-1V to 22V
Logic Inputs............................................................. 6V
BSTx, GHx.................................................... VLXx + 5V
Storage Temperature .............................. -65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................... 300°C
OPERATING RATINGS
Operating Input Voltage VINX ........................6.5V to 20V
Junction Temperature Range ....................-40°C to 125°C
Thermal Resistance θJA ...................................... 18°C/W
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VIN1 = 6.5V to 20V, VIN2 = 6.5V to 20V, Enable=HIGH,
CGL = CGH = 1nF.
Quiescent Current
Parameter
Min.
Typ.
Max.
Units
Conditions
VIN Supply Current in STANDBY
9
mA
LDOOUT enabled (no load)
No switching converter channels enabled
I2C communication active
Switching frequency = 400kHz
VIN Supply Current in
SHUTDOWN
180
µA
EN=0V, VIN1=VIN2=12V
VIN Supply Current
28
mA
4 channels running,
GH and GH = 1nF load each
VIN=12V, Switching frequency = 300kHz
VIN Supply Current
50
mA
4 channels running,
GH and GH = 1nF load each
VIN=12V, Switching frequency = 1MHz
Step Down Controllers
Parameter
Min.
Typ.
Max.
Units
Conditions
VOUT Regulation Accuracy
-20
20
mV
0.9V ≤ VOUT ≤ 2.5V
-40
40
mV
2.6V ≤ VOUT ≤ 5.1V
VOUT regulation range
0.9
5.1
Programmable range of each channel1
VOUT set point resolution
50
0.9V ≤ VOUT ≤ 2.5V
VOUT set point resolution
100
2.6V ≤ VOUT ≤ 5.1V
VOUT Input Current
TBD
nA
0.9V < VOUT <= 2.5V
VOUT Input Resistance
120
kΩ
2.6V ≤ VOUT ≤ 5.1V
Load Current
5
A
Controllers 1 and 3 can each be
configured up to a 5A load.
8
A
Controllers 2 and 4 can each be
configured up to a 8A load.
Note 1: Voltages above 5.1V can be obtained by using an external voltage divider.
Low Drop-out Regulator


Similar Part No. - XRP7708ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708ILB-F EXAR-XRP7708ILB-F Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results

Similar Description - XRP7708ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com