Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7708ILB-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP7708ILB-F
Description  Quad Channel Digital PWM Step Down Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708ILB-F Datasheet(HTML) 4 Page - Exar Corporation

  XRP7708ILB-F Datasheet HTML 1Page - Exar Corporation XRP7708ILB-F Datasheet HTML 2Page - Exar Corporation XRP7708ILB-F Datasheet HTML 3Page - Exar Corporation XRP7708ILB-F Datasheet HTML 4Page - Exar Corporation XRP7708ILB-F Datasheet HTML 5Page - Exar Corporation XRP7708ILB-F Datasheet HTML 6Page - Exar Corporation XRP7708ILB-F Datasheet HTML 7Page - Exar Corporation XRP7708ILB-F Datasheet HTML 8Page - Exar Corporation XRP7708ILB-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
4/27
Rev. 1.0.3
Parameter
Min.
Typ.
Max.
Units
Conditions
Output Pin Low Level (open
drain or collector) VOL
0.4
V
ISINK=3mA
Input Leakage Current
-10
10
µA
Input is between 0.33V and 2.97V
Output Fall Time from VIHMIN to
VILMAX
20+0.1Cb2
250
ns
With a bus capacitance from 10pF to
400pF
Capacitance for each I/O Pin
10
pF
Note 2: Cb is the capacitance one one bus in pF
Gate Drivers
Parameter
Min.
Typ.
Max.
Units
Conditions
GH, GL Rise and Fall Time
30
ns
At 10% to 90% of full scale pulse.
1nF Cload
GH, GL Pull-up On-State Output
Resistance
6
GH, GL Pull-down On-State
Output Resistance
3
GH, GL Pull-down Off-State
Output Resistance
50
kΩ
VIN=VCCD=0V


Similar Part No. - XRP7708ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708ILB-F EXAR-XRP7708ILB-F Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results

Similar Description - XRP7708ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com