Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7714ILB-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRP7714ILB-F
Description  Quad Channel Digital PWM Step Down Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7714ILB-F Datasheet(HTML) 3 Page - Exar Corporation

  XRP7714ILB-F Datasheet HTML 1Page - Exar Corporation XRP7714ILB-F Datasheet HTML 2Page - Exar Corporation XRP7714ILB-F Datasheet HTML 3Page - Exar Corporation XRP7714ILB-F Datasheet HTML 4Page - Exar Corporation XRP7714ILB-F Datasheet HTML 5Page - Exar Corporation XRP7714ILB-F Datasheet HTML 6Page - Exar Corporation XRP7714ILB-F Datasheet HTML 7Page - Exar Corporation XRP7714ILB-F Datasheet HTML 8Page - Exar Corporation XRP7714ILB-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
X
XR
RP
P7
77
71
14
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
3/27
Rev. 1.1.3
Parameter
Min.
Typ.
Max.
Units
Conditions
LDO=HIGH
0mA<ILDOOUT<100mA
LDOOUT Short Circuit Current
Limit
110
220
mA
VLDOOUT=0V
Auxiliary ADCs
Parameter
Min.
Typ.
Max.
Units
Conditions
Linearity Error Integral
2
LSB
Linearity Error Differential
-1
1
LSB
Input Dynamic Range VIN1
4.75
25
V
Input Dynamic Range VIN2
4.75
25
V
Isense ADC
Parameter
Min.
Typ.
Max.
Units
Conditions
ADC LSB
5
mV
Referred to the input
Input Dynamic Range
0
-320
mV
PWM Generators and Oscillator
Parameter
Min.
Typ.
Max.
Units
Conditions
Output frequency range
300
1500
kHz
Steps defined in the table in the PWM
Switching Frequency Setting section
below
Output Frequency Accuracy
-10
10
%
Channel-to-channel phase shift
90
deg
Minimum On Time
40
ns
1nF of gate capacitance
Dead Time Adjustment Step
13
ns
Switching frequency = 300kHz
10% to 90% duty cycle, Frequency
dependant; refer to the graph in
performance characteristic section
1.5
ns
Switching frequency = 1.5MHz
10% to 90% duty cycle, Frequency
dependant; refer to the graph in
performance characteristic section
CLOCK IN Synchronization
Range
-5
5
%
Maximum Duty Cycle2
86
%
Switching frequency = 300kHz
78
%
Switching frequency = 1.5MHz
Note 2: The maximum duty cycle represents the maximum duty cycle commanded by the DPWM, is guaranteed by design,
and internally set to ensure proper sampling of the current during the off-time.
Digital Input/Output Pins (GPIO0-GPIO5)
3.3V CMOS logic compatible, 5V tolerant.
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
10
µA
VIO=3.3V
Input pin Capacitance
5
pF
Output Pin Low Level
0.4
V
ISINK=1mA
Output Pin High Level
2.4
V
ISOURCE=1mA
Output Pin High Level (no load)
3.3
3.6
V
ISOURCE=0mA


Similar Part No. - XRP7714ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7714ILB-F EXAR-XRP7714ILB-F Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7714ILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com