Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7740ILBTR-AAAA-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XRP7740ILBTR-AAAA-F
Description  Quad-Output Digital PWM Buck Controller Supporting high current loads
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7740ILBTR-AAAA-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRP7740ILBTR-AAAA-F Datasheet HTML 6Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 7Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 8Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 9Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 10Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 11Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 12Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 13Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
XRP7740
REV 1.1.0
Quad-Output Digital PWM Buck Controller
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET.
EXAR CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY.
10
APPLICATION INFORMATION, Typical Performance Data
at TA = 25°C, unless otherwise specified.
12Vin Combined Efficiency: 5V & 3V3 @ 5A, 1V8 & 1V @ 15A
12Vin Efficiency: Single Channel
5V & 3V3 - FET: FDS8984; Inductor: 744314490 7x7x5mm
300kHz - Channels not in use are disabled
FET: Si4944; Inductor: 744314xxx 7x7x5mm
1V8 & 1V - FETs: SiR466 upper, SiR464 lower;
Inductor: 7443551130 13x13x6.5mm
12Vin Efficiency: Single Channel
12Vin Efficiency: Single Channel
1MHz - Channels not in use are disabled
300kHz - Channels not in use are disabled
FET: FDS8984; Inductor:744310200 7x7x3mm
FET: FDS8984; Inductor:744310200 7x7x3mm


Similar Part No. - XRP7740ILBTR-AAAA-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7740ILBTR-0X18-F EXAR-XRP7740ILBTR-0X18-F Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7740ILBTR-F EXAR-XRP7740ILBTR-F Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results

Similar Description - XRP7740ILBTR-AAAA-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7704 EXAR-XRP7704 Datasheet
865Kb / 31P
   Quad-Output Digital PWM Buck Controller
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
   Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Maxim Integrated Produc...
MAX1953 MAXIM-MAX1953 Datasheet
642Kb / 22P
   Low-Cost, High-Frequency, Current-Mode PWM Buck Controller
Rev 0; 4/02
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com