Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN103 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN103
Description  Primary-Side-Regulation PWM Controller (PWM-PSR)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN103 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN103_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 9Page - Fairchild Semiconductor FAN103_10 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN103 • Rev. 1.0.3
6
Electrical Characteristics (Continued)
Unless otherwise specified, VDD=15V and TA=25
°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Current-Error-Amplifier Section
VIR
Reference Voltage
2.475
2.500
2.525
V
Cable Compensation Section
VCOMR
COMR Pin for Cable Compensation
0.85
V
Gate Section
DCYMAX
Maximum Duty Cycle
70
75
80
%
VOL
Output Voltage Low
VDD=20V, Gate Sinks 10mA
1.5
V
VOH
Output Voltage High
VDD=8V, Gate Sources 1mA
5
V
tr
Rising Time
CL=1nF
200
250
ns
tf
Falling Time
CL=1nF
60
100
ns
VCLAMP
Output Clamp Voltage
VDD=25V
15
18
V
Over-Temperature-Protection Section
TOTP
Threshold Temperature for OTP
(3)
+140
°C
Note:
3.
When the over-temperature protection is activated, the power system enters latch mode and output is disabled.


Similar Part No. - FAN103_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103MY FAIRCHILD-FAN103MY Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results

Similar Description - FAN103_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
AN-6067 FAIRCHILD-AN-6067 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
logo
List of Unclassifed Man...
DP2525 ETC-DP2525 Datasheet
490Kb / 11P
   Low Cost Primary Side Regulation(PSR) PWM Power Switch
Rev.2.0
logo
ON Semiconductor
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
logo
Fairchild Semiconductor
FL103 FAIRCHILD-FL103 Datasheet
1Mb / 14P
   Primary-Side-Regulation PWM Controller for LED Illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com