Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSEZ1317 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSEZ1317
Description  Primary-Side-Regulation PWM with POWER MOSFET Integrated
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ1317 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSEZ1317 Datasheet HTML 1Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 2Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 3Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 4Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 5Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 6Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1317 • Rev. 1.0.4
5
Electrical Characteristics
Unless otherwise specified, VDD=15V and TA=25
℃.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD Section
VOP
Continuously Operating Voltage
23
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Threshold Voltage
4.5
5.0
5.5
V
IDD-OP
Operating Current
2.5
5.0
mA
IDD-GREEN
Green-Mode Operating Supply Current
0.95
1.20
mA
VDD-OVP
VDD Over-Voltage-Protection Level (OVP)
24
V
VDD-OVP-HYS Hysteresis Voltage for VDD OVP
1.5
2.0
2.5
V
tD-VDDOVP
VDD Over-Voltage-Protection Debounce Time
50
200
300
µs
HV Startup Current Source Section
VHV-MIN
Minimum Startup Voltage on HV Pin
50
V
IHV
Supply Current Drawn from HV Pin
VDC=100V
1.5
3.0
mA
IHV-LC
Leakage Current after Startup
HV=500V,
VDD= VDD-
OFF+1V
0.96
3.00
µA
Oscillator Section
fOSC
Frequency
Center Frequency
47
50
53
kHz
Frequency Hopping Range
±1.5
±2.0
±2.5
fOSC-N-MIN
Minimum Frequency at No-Load
370
Hz
fOSC-CM-MIN
Minimum Frequency at CCM
13
kHz
fDV
Frequency Variation vs. VDD Deviation
VDD=10~25V,
1
2
%
fDT
Frequency Variation vs. Temperature Deviation
TA=-40°C to
105°C
15
%
Voltage-Sense Section
Itc
IC Bias Current
10
µA
VBIAS-COMV
Adaptive Bias Voltage Dominated by VCOMV
RVS=20kΩ
1.4
V
Current-Sense Section
tPD
Propagation Delay to GATE Output
90
200
ns
tMIN-N
Minimum On Time at No-Load
700
850
1050
ns
VTH
Threshold Voltage for Current Limit
0.8
V
Voltage-Error-Amplifier Section
VVR
Reference Voltage
2.475
2.500
2.525
V
VN
Green-Mode Starting Voltage on EA_V
fOSC-2kHz
2.5
V
VG
Green-Mode Ending Voltage on EA_V
fOSC=1kHz
0.4
V
Current-Error-Amplifier Section
VIR
Reference Voltage
2.475
2.500
2.525
V
Cable Compensation Section
VCOMR
COMR Pin for Cable Compensation
0.75
V
Continued on the following page…


Similar Part No. - FSEZ1317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY_F116 FAIRCHILD-FSEZ1317AMY_F116 Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
More results

Similar Description - FSEZ1317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
539Kb / 14P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com