Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPY550AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPY550AL
Description  MEMS motion sensor: dual axis pitch and yaw 짹500째/s analog output gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY550AL Datasheet(HTML) 1 Page - STMicroelectronics

  LPY550AL Datasheet HTML 1Page - STMicroelectronics LPY550AL Datasheet HTML 2Page - STMicroelectronics LPY550AL Datasheet HTML 3Page - STMicroelectronics LPY550AL Datasheet HTML 4Page - STMicroelectronics LPY550AL Datasheet HTML 5Page - STMicroelectronics LPY550AL Datasheet HTML 6Page - STMicroelectronics LPY550AL Datasheet HTML 7Page - STMicroelectronics LPY550AL Datasheet HTML 8Page - STMicroelectronics LPY550AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2009
Doc ID 15808 Rev 2
1/12
12
LPY550AL
MEMS motion sensor:
dual axis pitch and yaw ±500°/s analog output gyroscope
Features
2.7 V to 3.6 V single supply operation
Very extended operating temperature range
(-40°C to +85°C)
High stability overtemperature
Absolute analog rate output
Two separate outputs for each axis
(1x and 4x amplified)
Integrated low-pass filters
Low power consumption
Embedded power-down
Embedded self-test
High shock and vibration survivability
ECOPACK® RoHS and “Green” compliant
(see
Section 5)
Applications
Pointing devices, remote and game controllers
Gaming applications
Motion control with user interface
Industrial and robotics
Description
The LPY550AL is a low-power two-axis
micromachined gyroscope able to measure
angular rate along pitch and yaw axes.
It provides excellent temperature stability and
high resolution over extended operating
temperature range (-40°C to +85°C).
The LPY550AL has a full scale of ±500 °/s and is
capable of detecting rates with a -3 dB bandwidth
up to 140 Hz.
The gyroscope is the combination of one actuator
and one accelerometer integrated in a single
micromachined structure.
It includes a sensing element composed by single
driving mass, kept in continuos oscillating
movement and able to react when an angular rate
is applied based on the Coriolis principle.
A CMOS IC provides the measured angular rate
to the external world through an analog output
voltage, allowing high level of integration and
production trimming to better match sensing
element characteristics.
ST gyroscope family leverages on robust and
mature manufacturing process already used for
the production of micromachined accelerometers.
ST is already in the field with several hundreds
million sensors with excellent acceptance from
the market in terms of quality, reliability and
performance.
LPY550AL is provided in plastic land grid array
(LGA) package. Several years ago ST pioneered
successfully the usage of this package for
accelerometers. Today ST has the widest
manufacturing capability and strongest expertise
in the world for production of sensor in plastic
LGA package.
LGA-16L (5x5x1.5mm)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
LPY550AL
-40 to +85
LGA-16 (5x5x1.5)
Tray
LPY550ALTR
-40 to +85
LGA-16 (5x5x1.5)
Tape and reel
www.st.com


Similar Part No. - LPY550AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
LPY550ALTR STMICROELECTRONICS-LPY550ALTR Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LPY550AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR550AL STMICROELECTRONICS-LPR550AL Datasheet
227Kb / 12P
   MEMS motion sensor: dual axis pitch and roll 짹500째/s analog gyroscope
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹1500째/s analog output gyroscope
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹300째/s analog gyroscope
LPY503AL STMICROELECTRONICS-LPY503AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹30째/s analog gyroscope
LPY510AL STMICROELECTRONICS-LPY510AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹100째/s analog gyroscope
LPY4150AL STMICROELECTRONICS-LPY4150AL Datasheet
265Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹1500 dps analog gyroscope
LPY403AL STMICROELECTRONICS-LPY403AL Datasheet
282Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹30 dps analog gyroscope
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹500 dps analog gyroscope
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹100 dps analog gyroscope
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹300 dps analog gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com