Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G3157 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX3L1G3157
Description  Low-ohmic single-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G3157 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX3L1G3157_10 Datasheet HTML 2Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 3Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 4Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 5Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 6Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 7Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 8Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 9Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
NX3L1G3157_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 26 April 2010
6 of 22
NXP Semiconductors
NX3L1G3157
Low-ohmic single-pole double-throw analog switch
11.1 Test circuits
VI =0.3 V orVCC − 0.3 V; VO =VCC − 0.3 V or 0.3 V.
Fig 5.
Test circuit for measuring OFF-state leakage current
IS
001aac358
S
Z
Y0
Y1
VCC
GND
switch
switch
1
1
2
2
VIL
VIH
S
VIL or VIH
VI
VO
VI =0.3 V orVCC − 0.3 V; VO =VCC − 0.3 V or 0.3 V.
Fig 6.
Test circuit for measuring ON-state leakage current
IS
001aac359
S
Z
Y0
Y1
VCC
GND
switch
switch
1
1
2
2
VIL
VIH
S
VO
VIL or VIH
VI


Similar Part No. - NX3L1G3157_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
More results

Similar Description - NX3L1G3157_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
logo
Nexperia B.V. All right...
XS3A1T5157 NEXPERIA-XS3A1T5157 Datasheet
290Kb / 19P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
logo
NXP Semiconductors
NX3L1G53 PHILIPS-NX3L1G53_15 Datasheet
336Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 7-8 February 2013
NX3L1T53 NXP-NX3L1T53 Datasheet
520Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G53 NXP-NX3L1G53 Datasheet
502Kb / 23P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com