Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G3157 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX3L1G3157
Description  Low-ohmic single-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G3157 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX3L1G3157_10 Datasheet HTML 7Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 8Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 9Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 10Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 11Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 12Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 13Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 14Page - NXP Semiconductors NX3L1G3157_10 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NX3L1G3157_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 26 April 2010
11 of 22
NXP Semiconductors
NX3L1G3157
Low-ohmic single-pole double-throw analog switch
[1]
Typical values are measured at Tamb = 25 °C and VCC = 1.5 V, 1.8 V, 2.5 V, 3.3 V and 4.3 V respectively.
[2]
Break-before-make guaranteed by design.
12.1 Waveform and test circuits
tb-m
break-before-make
time
see Figure 16
[2]
VCC = 1.4 V to 1.6 V
-
19
-
4
-
-
ns
VCC = 1.65 V to 1.95 V
-
17
-
4
-
-
ns
VCC = 2.3 V to 2.7 V
-
13
-
2
-
-
ns
VCC = 2.7 V to 3.6 V
-
10
-
2
-
-
ns
VCC = 3.6 V to 4.3 V
-
10
-
2
-
-
ns
Table 9.
Dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 17.
Symbol
Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 10.
Logic level: VOH is typical output voltage level that occurs with the output load.
Fig 15. Enable and disable times
001aag570
VI
GND
S input
Z output
OFF to HIGH
HIGH to OFF
Z output
HIGH to OFF
OFF to HIGH
Y1 connected to VEXT
Y0 connected to VEXT
VOH
GND
VOH
GND
VM
ten
tdis
ten
tdis
VX
VX
VX
VX
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VX
1.4 V to 4.3 V
0.5VCC
0.9VOH


Similar Part No. - NX3L1G3157_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
More results

Similar Description - NX3L1G3157_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
logo
Nexperia B.V. All right...
XS3A1T5157 NEXPERIA-XS3A1T5157 Datasheet
290Kb / 19P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
logo
NXP Semiconductors
NX3L1G53 PHILIPS-NX3L1G53_15 Datasheet
336Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 7-8 February 2013
NX3L1T53 NXP-NX3L1T53 Datasheet
520Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G53 NXP-NX3L1G53 Datasheet
502Kb / 23P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com