Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G384GM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX3L1G384GM
Description  Low-ohmic single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G384GM Datasheet(HTML) 5 Page - NXP Semiconductors

  NX3L1G384GM Datasheet HTML 1Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 2Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 3Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 4Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 5Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 6Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 7Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 8Page - NXP Semiconductors NX3L1G384GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NX3L1G384_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 17 August 2009
5 of 17
NXP Semiconductors
NX3L1G384
Low-ohmic single-pole single-throw analog switch
11.1 Test circuits
11.2 ON resistance
CI
input
capacitance
-
1.0
-
-
-
-
pF
CS(OFF)
OFF-state
capacitance
-35-
-
-
-
pF
CS(ON)
ON-state
capacitance
-
110
-
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VI = 0.3 V or VCC − 0.3 V; VO =VCC − 0.3 V or 0.3 V.
VI = 0.3 V or VCC − 0.3 V; VO = open circuit.
Fig 5.
Test circuit for measuring OFF-state leakage
current
Fig 6.
Test circuit for measuring ON-state leakage
current
001aag479
IS
VI
VIH
VO
VCC
GND
Y
Z
E
001aag480
IS
VI
VIL
VO
VCC
GND
Y
Z
E
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 8 to Figure 14.
Symbol
Parameter
Conditions
Tamb = −40 °C to +85 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance
(peak)
VI = GND to VCC;
ISW = 100 mA; see Figure 7
VCC = 1.4 V
-
1.6
3.7
-
4.1
VCC = 1.65 V
-
1.0
1.6
-
1.7
VCC = 2.3 V
-
0.55
0.8
-
0.9
VCC = 2.7 V
-
0.5
0.75
-
0.9
VCC = 4.3 V
-
0.5
0.75
-
0.9


Similar Part No. - NX3L1G384GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G384GM NXP-NX3L1G384GM Datasheet
218Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 4-7 January 2011
More results

Similar Description - NX3L1G384GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com