Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN6068SE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6068SE
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6068SE Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6068SE Datasheet HTML 1Page - Diodes Incorporated DMN6068SE Datasheet HTML 2Page - Diodes Incorporated DMN6068SE Datasheet HTML 3Page - Diodes Incorporated DMN6068SE Datasheet HTML 4Page - Diodes Incorporated DMN6068SE Datasheet HTML 5Page - Diodes Incorporated DMN6068SE Datasheet HTML 6Page - Diodes Incorporated DMN6068SE Datasheet HTML 7Page - Diodes Incorporated DMN6068SE Datasheet HTML 8Page - Diodes Incorporated DMN6068SE Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMN6068SE
Document Number DS32033 Rev. 1 - 2
2 of 9
www.diodes.com
December 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN6068SE
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
60
V
Gate-Source voltage
(Note 2)
VGS
±20
V
Single Pulsed Avalanche Energy
(Note 7)
EAS
37.5
mJ
Single Pulsed Avalanche Current
(Note 7)
IAS
5.0
A
Continuous Drain current
VGS = 10V
(Note 4)
ID
5.6
A
TA = 70°C (Note 4)
4.5
(Note 3)
4.1
Pulsed Drain current
VGS= 10V
(Note 5)
IDM
20.8
A
Continuous Source current (Body diode)
(Note 4)
IS
4.9
A
Pulsed Source current (Body diode)
(Note 5)
ISM
20.8
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power dissipation
Linear derating factor
(Note 3)
PD
2.0
16.0
W
mW/
°C
(Note 4)
3.7
29.5
Thermal Resistance, Junction to Ambient
(Note 3)
RθJA
62.5
°C/W
(Note 4)
34
Thermal Resistance, Junction to Lead
(Note 6)
RθJL
11.5
Operating and storage temperature range
TJ, TSTG
-55 to 150
°C
Notes:
2. AEC-Q101 VGS maximum is ±16V.
3. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
4. Same as note (3), except the device is measured at t
≤ 10 sec.
5. Same as note (3), except the device is pulsed with D= 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
6. Thermal resistance from junction to solder-point (at the end of the drain lead).
7. UIS in production with L = 3.0mH, IAS = 5.0A, RG = 25Ω, VDD=50V, starting TJ = 25°C.


Similar Part No. - DMN6068SE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6068SE DIODES-DMN6068SE Datasheet
630Kb / 9P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32033 Rev. 2 - 2
logo
TECH PUBLIC Electronics...
DMN6068SE TECHPUBLIC-DMN6068SE Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
logo
Diodes Incorporated
DMN6068SE-13 DIODES-DMN6068SE-13 Datasheet
630Kb / 9P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32033 Rev. 2 - 2
logo
VBsemi Electronics Co.,...
DMN6068SE-13 VBSEMI-DMN6068SE-13 Datasheet
1,010Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Diodes Incorporated
DMN6068SE DIODES-DMN6068SE_11 Datasheet
630Kb / 9P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32033 Rev. 2 - 2
More results

Similar Description - DMN6068SE

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com