Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMHC3F381N8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMHC3F381N8
Description  30V SO8 Complementary enhancement mode MOSFET H-Bridge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC3F381N8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMHC3F381N8 Datasheet HTML 1Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 2Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 3Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 4Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 5Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 6Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 7Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 8Page - Diodes Incorporated ZXMHC3F381N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ZXMHC3F381N8
Issue 1.0 - March 2009
4
© Diodes Incorporated
www.diodes.com
N-channel electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-Source breakdown
voltage
V(BR)DSS
30
V
ID = 250μA, VGS= 0V
Zero Gate voltage Drain
current
IDSS
0.5
µA
VDS= 30V, VGS= 0V
Gate-Body leakage
IGSS
±100
nA
VGS= ±20V, VDS= 0V
Gate-Source threshold
voltage
VGS(th)
1.0
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source
on-state resistance
(a)
RDS(on)
0.033
0.060
VGS= 10V, ID= 5A
VGS= 4.5V, ID= 4A
Forward
Transconductance
(a) (c)
gfs
11.8
S
VDS= 15V, ID= 5A
Dynamic
Capacitance
(c)
Input capacitance
Ciss
430
pF
VDS= 15V, VGS= 0V
f= 1MHz
Output capacitance
Coss
101
pF
Reverse transfer
capacitance
Crss
56
pF
Switching
(b) (c)
Turn-on-delay time
td(on)
2.5
ns
VDD= 15V, VGS= 10V
ID= 1A
RG ≅ 6Ω,
Rise time
tr
3.3
ns
Turn-off delay time
td(off)
11.5
ns
Fall time
tf
6.3
ns
Gate charge
(c)
Total Gate charge
Qg
9.0
nC
VDS=15V, VGS= 10V
ID= 5A
Gate-Source charge
Qgs
1.7
nC
Gate-Drain charge
Qgd
2.0
nC
Source–Drain diode
Diode forward voltage
(a)
VSD
0.82
1.2
V
IS= 1.7A, VGS= 0V
Reverse recovery time
(c)
trr
12
ns
IS= 2.1A, di/dt= 100A/μs
Reverse recovery charge
(c)
Qrr
4.9
nC
NOTES:
(a) Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%.
(b) Switching characteristics are independent of operating junction temperature.
(c) For design aid only, not subject to production testing


Similar Part No. - ZXMHC3F381N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01N8TC DIODES-ZXMHC3A01N8TC Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8TA ZETEX-ZXMHC3A01T8TA Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC3F381N8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
   60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
   100V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Shenzhen Winsemi Microe...
WFS5HB03N8 WINSEMI-WFS5HB03N8 Datasheet
520Kb / 10P
   30V SO8 Complementary enhancementmode MOSFET H-Bridge
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC3025LSDQ DIODES-DMHC3025LSDQ Datasheet
349Kb / 9P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMC3F31DN8 ZETEX-ZXMC3F31DN8 Datasheet
351Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com