Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDXAVX020KDAA3 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # ASDXAVX020KDAA3
Description  ASDX Series Silicon Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXAVX020KDAA3 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  ASDXAVX020KDAA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX020KDAA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX020KDAA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX020KDAA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX020KDAA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX020KDAA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.honeywell.com/sensing
Table 5. Sensor Types
Type
Description
Absolute
Output is proportional to difference between applied pressure and built-in reference to vacuum (zero
pressure).
Gage
Output is proportional to difference between applied pressure and atmospheric (ambient) pressure.
Differential
Output is proportional to difference between pressure applied to each of the pressure ports (Port 1 – Port 2).
Figure 2. Transfer Functions and Limits
A Calibration, 10% to 90%
B Calibration, 5% to 95%
Completed Catalog Listing Example
Figure 3 shows catalog listing ASDXAVX001PGAA3. It is an AV package, 1 psi gage sensor, with 3.3 Vdc operation using a 10%
to 90% calibration.
Figure 3. ASDXAVX001PGAA3
ASDXAVX001PGAA3 Output vs. Pressure


Similar Part No. - ASDXAVX020KDAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDXAVX020KDSA3 HONEYWELL-ASDXAVX020KDSA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
More results

Similar Description - ASDXAVX020KDAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
   ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
logo
List of Unclassifed Man...
TPS31 ETC2-TPS31 Datasheet
138Kb / 4P
   Silicon Pressure Sensors
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com