Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ICB003V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ICB003V1
Description  Smart touchpanel interface based on the STMPE1208S, STLED316S and STM8S
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ICB003V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ICB003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ICB003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ICB003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ICB003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ICB003V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID 16073 Rev 1
1/5
5
STEVAL-ICB003V1
Smart touchpanel interface based on the
STMPE1208S, STLED316S and STM8S
Features
4 x 7-segment LED display
8 touchkeys
8 x 3 mm LEDs
1 bi-color LED for on/standby indication
1 interrupt assert LED
On-board buzzer
Rotary encoder for up/down functions
Standby management for low power operation
Relay for switching host power
Power supply connector for single 9 V supply
Wakeup feature from system standby
Embedded in-circuit programming capability
through SWIM interface
Water level sensor input for 38-43 kHz water
sensors
RoHS compliant
Description
The STEVAL-ICB003V1 demonstration board is a
general-purpose front panel solution suitable for
white goods, utilizing a TLED316S LED driver,
STMPE1208S capacitive touch sensor and an a
STM8S207K6 microcontroller from the STM8
series of 8 bit microcontrollers.
The purpose of the board is to demonstrate the
capabilities of ST’s STLED316S, STMPE1208S
and STM8S devices in a sophisticated front panel
application targeted at the front panel market
segment for DVD players, DVD recorders, set-top
boxes, washing machines, etc., while keeping
system cost as low as possible.
The design focuses on 3 key areas: standby
management for low power consumption, general
touchkey and rotary encoder input and water level
sensing of a 38-43 kHz output from a water level
sensor.
To increase versatility, the design includes
features such as rotary encoder interface, power
management and a logic level input for a water
level sensor.
STEVAL-ICB003V1
AM05056v1
www.st.com


Similar Part No. - STEVAL-ICB003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ICB001V1 STMICROELECTRONICS-STEVAL-ICB001V1 Datasheet
134Kb / 5P
   Capacitive touch sensor demonstration board based on the STMPE1208S
STEVAL-ICB002V1 STMICROELECTRONICS-STEVAL-ICB002V1 Datasheet
105Kb / 4P
   Capacitive touch daughterboard based on the STMPE821
STEVAL-ICB004V1 STMICROELECTRONICS-STEVAL-ICB004V1_11 Datasheet
143Kb / 6P
   Advanced resistive touchscreen controller demonstration board based on the STMPE811
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
   Capacitive touch demonstration board based on the STMPE321
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
   Touch-sensing software library demonstration board based on the STM8S
More results

Similar Description - STEVAL-ICB003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHI001V1 STMICROELECTRONICS-STEVAL-IHI001V1 Datasheet
125Kb / 4P
   Demonstration board for washing machine user interface based on the ST7LITE49M and STLED316S
STEVAL-ICB001V1 STMICROELECTRONICS-STEVAL-ICB001V1 Datasheet
134Kb / 5P
   Capacitive touch sensor demonstration board based on the STMPE1208S
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
   Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
   Front panel demonstration board based on the STLED325 and STM8S
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
   Touch-sensing software library demonstration board based on the STM8S
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
   Smartcard interface with the STM8S microcontroller
STEVAL-PCC009V2 STMICROELECTRONICS-STEVAL-PCC009V2 Datasheet
142Kb / 7P
   IBU universal interface based on the STM32x
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
   STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
   APWLink USB interface board based on the STA120D
logo
List of Unclassifed Man...
BMP21-PLUS ETC-BMP21-PLUS Datasheet
308Kb / 2P
   Tough on the Outside. Smart on the Inside.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com