Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L2G384GT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX3L2G384GT
Description  Dual low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2G384GT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX3L2G384GT Datasheet HTML 2Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 3Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 4Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 5Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 6Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 7Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 8Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 9Page - NXP Semiconductors NX3L2G384GT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NX3L2G384_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 August 2009
6 of 20
NXP Semiconductors
NX3L2G384
Dual low-ohmic single-pole single-throw analog switch
11.1 Test circuits
11.2 ON resistance
CI
input
capacitance
-
1.0
-
-
-
-
pF
CS(OFF)
OFF-state
capacitance
-35-
-
-
-
pF
CS(ON)
ON-state
capacitance
-
110
-
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VI = 0.3 V or VCC − 0.3 V; VO =VCC − 0.3 V or 0.3 V.
VI = 0.3 V or VCC − 0.3 V; VO = open circuit.
Fig 6.
Test circuit for measuring OFF-state leakage
current
Fig 7.
Test circuit for measuring ON-state leakage
current
001aaj519
IS
VI
VIH
VO
VCC
GND
nY
nZ
nE
001aaj520
IS
VI
VIL
VO
VCC
GND
nY
nZ
nE
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 9 to Figure 15.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance (peak)
VI = GND to VCC;
ISW = 100 mA;
see Figure 8
VCC = 1.4 V
-
1.6
3.7
-
4.1
VCC = 1.65 V
-
1.0
1.6
-
1.7
VCC = 2.3 V
-
0.55
0.8
-
0.9
VCC = 2.7 V
-
0.5
0.75
-
0.9
VCC = 4.3 V
-
0.5
0.75
-
0.9


Similar Part No. - NX3L2G384GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2G384 PHILIPS-NX3L2G384_15 Datasheet
323Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-26 March 2013
More results

Similar Description - NX3L2G384GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2G66 PHILIPS-NX3L2G66_15 Datasheet
323Kb / 22P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 8-7 February 2013
NX3L2G66 NXP-NX3L2G66 Datasheet
154Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 04-28 August 2009
NX3L2T66 NXP-NX3L2T66_09 Datasheet
153Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 03-28 August 2009
NX3L2T66 PHILIPS-NX3L2T66_15 Datasheet
322Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-8 February 2013
NX3L2G384 PHILIPS-NX3L2G384_15 Datasheet
323Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-26 March 2013
NX3L2T384 PHILIPS-NX3L2T384_15 Datasheet
320Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 5-8 February 2013
NX3L2T384 NXP-NX3L2T384 Datasheet
185Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 3-7 November 2011
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com