Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L2T66GT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NX3L2T66GT
Description  Dual low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2T66GT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NX3L2T66GT Datasheet HTML 5Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 6Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 7Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 8Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 9Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 10Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 11Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 12Page - NXP Semiconductors NX3L2T66GT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NX3L2T66_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 August 2009
9 of 20
NXP Semiconductors
NX3L2T66
Dual low-ohmic single-pole single-throw analog switch
12. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.5 V, 1.8 V, 2.5 V, 3.3 V and 4.3 V respectively.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 14. ON resistance as a function of input voltage;
VCC = 3.3 V
Fig 15. ON resistance as a function of input voltage;
VCC = 4.3 V
VI (V)
04
3
12
001aag569
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
23
1
001aaj896
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 17.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
ten
enable time
nE to nZ or nY;
see Figure 16
VCC = 1.4 V to 1.6 V
-
35
49
-
53
57
ns
VCC = 1.65 V to 1.95 V
-
28
40
-
43
48
ns
VCC = 2.3 V to 2.7 V
-
20
30
-
32
35
ns
VCC = 2.7 V to 3.6 V
-
18
28
-
30
32
ns
VCC = 3.6 V to 4.3 V
-
18
28
-
30
32
ns
tdis
disable time
nE to nZ or nY;
see Figure 16
VCC = 1.4 V to 1.6 V
-
32
70
-
80
90
ns
VCC = 1.65 V to 1.95 V
-
23
55
-
60
65
ns
VCC = 2.3 V to 2.7 V
-
14
25
-
30
35
ns
VCC = 2.7 V to 3.6 V
-
11
20
-
25
30
ns
VCC = 3.6 V to 4.3 V
-
11
20
-
25
30
ns


Similar Part No. - NX3L2T66GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66GT NXP-NX3L2T66GT Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
More results

Similar Description - NX3L2T66GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2G66 PHILIPS-NX3L2G66_15 Datasheet
323Kb / 22P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 8-7 February 2013
NX3L2G66 NXP-NX3L2G66 Datasheet
154Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 04-28 August 2009
NX3L2T66 PHILIPS-NX3L2T66_15 Datasheet
322Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-8 February 2013
NX3L2G384 NXP-NX3L2G384 Datasheet
155Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 03-28 August 2009
NX3L2G384 PHILIPS-NX3L2G384_15 Datasheet
323Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-26 March 2013
NX3L2T384 PHILIPS-NX3L2T384_15 Datasheet
320Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 5-8 February 2013
NX3L2T384 NXP-NX3L2T384 Datasheet
185Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 3-7 November 2011
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com