Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L2T66GM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX3L2T66GM
Description  Dual low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2T66GM Datasheet(HTML) 3 Page - NXP Semiconductors

  NX3L2T66GM Datasheet HTML 1Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 2Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 3Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 4Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 5Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 6Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 7Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 8Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NX3L2T66_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 August 2009
3 of 20
NXP Semiconductors
NX3L2T66
Dual low-ohmic single-pole single-throw analog switch
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 3.
Pin configuration SOT833-1 (XSON8)
Fig 4.
Pin configuration SOT996-2 (XSON8U)
NX3L2T66
2Z
1E
VCC
2Y
2E
1Z
1Y
GND
001aaj083
36
27
18
45
Transparent top view
001aaj536
NX3L2T66
Transparent top view
8
7
6
5
1
2
3
4
1Y
1Z
2E
GND
VCC
1E
2Z
2Y
Fig 5.
Pin configuration SOT902-1 (XQFN8U)
001aaj084
1Z
2Z
1Y
2E
1E
2Y
Transparent top view
3
6
1
5
7
2
terminal 1
index area
NX3L2T66
Table 3.
Pin description
Symbol
Pin
Description
SOT833-1 and SOT996-2
SOT902-1
1Y, 2Y
1, 5
7, 3
independent input or output
1Z, 2Z
2, 6
6, 2
independent input or output
GND
4
4
ground (0 V)
1E, 2E
7, 3
1, 5
enable input (active HIGH)
VCC
8
8
supply voltage


Similar Part No. - NX3L2T66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66GM NXP-NX3L2T66GM Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
More results

Similar Description - NX3L2T66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2G66 PHILIPS-NX3L2G66_15 Datasheet
323Kb / 22P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 8-7 February 2013
NX3L2G66 NXP-NX3L2G66 Datasheet
154Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 04-28 August 2009
NX3L2T66 PHILIPS-NX3L2T66_15 Datasheet
322Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-8 February 2013
NX3L2G384 NXP-NX3L2G384 Datasheet
155Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 03-28 August 2009
NX3L2G384 PHILIPS-NX3L2G384_15 Datasheet
323Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-26 March 2013
NX3L2T384 PHILIPS-NX3L2T384_15 Datasheet
320Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 5-8 February 2013
NX3L2T384 NXP-NX3L2T384 Datasheet
185Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 3-7 November 2011
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com