Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L2T66GM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX3L2T66GM
Description  Dual low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2T66GM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX3L2T66GM Datasheet HTML 7Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 8Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 9Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 10Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 11Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 12Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 13Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 14Page - NXP Semiconductors NX3L2T66GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NX3L2T66_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 August 2009
11 of 20
NXP Semiconductors
NX3L2T66
Dual low-ohmic single-pole single-throw analog switch
12.2 Additional dynamic characteristics
[1]
fi is biased at 0.5VCC.
12.3 Test circuits
Table 12.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); VI = GND or VCC (unless otherwise
specified); tr = tf ≤ 2.5 ns.
Symbol Parameter
Conditions
25
°C
Unit
Min
Typ
Max
THD
total harmonic
distortion
fi = 20 Hz to 20 kHz; RL =32 Ω; see Figure 18
[1]
VCC = 1.4 V; VI = 1 V (p-p)
-
0.15
-
%
VCC = 1.65 V; VI = 1.2 V (p-p)
-
0.10
-
%
VCC = 2.3 V; VI = 1.5 V (p-p)
-
0.02
-
%
VCC = 2.7 V; VI = 2 V (p-p)
-
0.02
-
%
VCC = 4.3 V; VI = 2 V (p-p)
-
0.02
-
%
f(−3dB)
−3 dB frequency
response
RL =50 Ω; see Figure 19
[1]
VCC = 1.4 V to 4.3 V
-
60
-
MHz
αiso
isolation (OFF-state)
fi = 100 kHz; RL =50 Ω; see Figure 20
[1]
VCC = 1.4 V to 4.3 V
-
−90
-
dB
Vct
crosstalk voltage
between digital inputs and switch;
fi = 1 MHz; CL = 50 pF; RL =50 Ω; see Figure 21
VCC = 1.4 V to 3.6 V
-
0.2
-
V
VCC = 3.6 V to 4.3 V
-
0.2
-
V
Xtalk
crosstalk
between switches;
fi = 100 kHz; RL =50 Ω; see Figure 22
[1]
VCC = 1.4 V to 4.3 V
-
−90
-
dB
Qinj
charge injection
fi = 1 MHz; CL = 0.1 nF; RL =1 MΩ; Vgen =0V;
Rgen =0 Ω; see Figure 23
VCC = 1.5 V
-
3
-
pC
VCC = 1.8 V
-
3
-
pC
VCC = 2.5 V
-
3
-
pC
VCC = 3.3 V
-
3
-
pC
VCC = 4.3 V
-
6
-
pC
Fig 18. Test circuit for measuring total harmonic distortion
001aaj225
VIH
VCC
0.5VCC
nZ/nY
nY/nZ
nE
fi
RL
D


Similar Part No. - NX3L2T66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66GM NXP-NX3L2T66GM Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
More results

Similar Description - NX3L2T66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2G66 PHILIPS-NX3L2G66_15 Datasheet
323Kb / 22P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 8-7 February 2013
NX3L2G66 NXP-NX3L2G66 Datasheet
154Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 04-28 August 2009
NX3L2T66 PHILIPS-NX3L2T66_15 Datasheet
322Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-8 February 2013
NX3L2G384 NXP-NX3L2G384 Datasheet
155Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 03-28 August 2009
NX3L2G384 PHILIPS-NX3L2G384_15 Datasheet
323Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-26 March 2013
NX3L2T384 PHILIPS-NX3L2T384_15 Datasheet
320Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 5-8 February 2013
NX3L2T384 NXP-NX3L2T384 Datasheet
185Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 3-7 November 2011
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com